Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS6128-04 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS6128-04
Description  PLL CLOCK GENERATOR IC WITH VCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6128-04 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS6128-04 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6128-04 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6128-04 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6128-04 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6128-04 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6128-04 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6128-04 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AMERICAN MICROSYSTEMS, INC.
April 2000
American Microsystems, Inc. reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
4.24.00
FS6128-04 / FS6128-05 / FS6128-06
FS6128-04 / FS6128-05 / FS6128-06
FS6128-04 / FS6128-05 / FS6128-06
FS6128-04 / FS6128-05 / FS6128-06
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
ISO9001
ISO9001
ISO9001
ISO9001
1.0
Features
Phase-locked loop (PLL) device synthesizes output
clock frequency from crystal oscillator or external ref-
erence clock
On-chip tunable voltage-controlled crystal oscillator
(VCXO) allows precise system frequency tuning
Typically used for generation of MPEG-2 decoder
clock
3.3V supply voltage
Very low phase noise PLL
Use with “pullable” 14pF crystals – no external pad-
ding capacitors required
Small circuit board footprint (8-pin 0.150
″ SOIC)
Custom frequency selections available - contact your
local AMI Sales Representative for more information
Figure 1: Pin Configuration
1
8
2
3
4
7
6
5
XIN
VDD
XTUNE
VSS
VSS
n/c
CLK
XOUT
8-pin (0.150
″) SOIC
2.0
Description
The FS6128 is a monolithic CMOS clock generator IC
designed to minimize cost and component count in digital
video/audio systems.
At the core of the FS6128 is circuitry that implements a
voltage-controlled crystal oscillator (VCXO) when an ex-
ternal resonator (nominally 13.5MHz) is attached. The
VCXO allows device frequencies to be precisely adjusted
for use in systems that have frequency matching re-
quirements, such as digital satellite receivers.
A high-resolution phase-locked loop generates an output
clock (CLK) through a post-divider. The CLK frequency is
ratiometrically derived from the VCXO frequency. The
locking of the CLK frequency to other system reference
frequencies can eliminate unpredictable artifacts in video
systems and reduce electromagnetic interference (EMI)
due to frequency harmonic stacking.
Table 1: Crystal / Output Frequencies
DEVICE
fXIN (MHz)
CLK (MHz)
FS6128-04
13.500
27.000
FS6128-05
13.500
13.500
FS6128-06
13.500
54.000
NOTE: Contact AMI for custom PLL frequencies
Figure 2: Block Diagram
VCXO
FS6128-04
FS6128-05
FS6128-06
PLL
XOUT
XIN
CLK
XTUNE
DIVIDER


Similar Part No. - FS6128-04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS6128-04 ONSEMI-FS6128-04 Datasheet
223Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
FS6128-04G-XTD ONSEMI-FS6128-04G-XTD Datasheet
223Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
FS6128-04G-XTP ONSEMI-FS6128-04G-XTP Datasheet
223Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
More results

Similar Description - FS6128-04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
   PLL Clock Generator IC with VCXO
FS6209 ETC-FS6209 Datasheet
113Kb / 6P
   DUAL PLL VCXO CLOCK GENERATOR IC
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
PLL501-21 PLL-PLL501-21 Datasheet
133Kb / 5P
   VCXO Clock Generator IC
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
logo
List of Unclassifed Man...
FS6127 ETC-FS6127 Datasheet
111Kb / 6P
   VCXO CLOCK GENERATOR IC
logo
ON Semiconductor
FS6128-07 ONSEMI-FS6128-07 Datasheet
201Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
FS6128-04 ONSEMI-FS6128-04 Datasheet
223Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
   Factory Programmable Quad PLL Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com