Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJA4213 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FJA4213
Description  Audio Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJA4213 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FJA4213 Datasheet HTML 1Page - Fairchild Semiconductor FJA4213 Datasheet HTML 2Page - Fairchild Semiconductor FJA4213 Datasheet HTML 3Page - Fairchild Semiconductor FJA4213 Datasheet HTML 4Page - Fairchild Semiconductor FJA4213 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, March 2003
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Figure 4. Collector-Emitter Saturation Voltage
Figure 5. Base-Emitter On Voltage
Figure 6. Safe Operating Area
-0
-2
-4
-6
-8
-10
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
I
B
= -500mA
I
B
= -600mA
I
B
= -400m
A
I
B
= -700mA
I
B = -300mA
I
B
= -900mA
I
B = -200mA
I
B = -800mA
I
B = -1A
I
B = -100mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
110
1
10
100
V
CE = -5V
Tj = -25
o
C
Tj = 25
o
C
Tj = 125
o
C
I
C[A], COLLECTOR CURRENT
0.01
0.1
1
10
100
10
100
1000
10000
Ic=-10Ib
Tj=-25℃
Tj=25℃
Tj=125℃
Ic[A], COLLECTOR CURRENT
0.01
0.1
1
10
100
1
10
100
1000
10000
Ic=-10Ib
Tj=-25℃
Tj=25℃
Tj=125℃
Ic[A], COLLECTOR CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
2
4
6
8
10
12
14
VCE = 5V
VBE[V], BASE-EMITTER VOLTAGE
1
10
100
-0.01
-0.1
-1
-10
-100
*SINGLE NONREPETITIVE
PULSE T
C=25[
oC]
10ms*
100ms*
DC
I
C MAX. (Pulsed*)
I
C MAX. (DC)
V
CE [V], COLLECTOR-EMITTER VOLTAGE


Similar Part No. - FJA4213

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJA4213 FAIRCHILD-FJA4213 Datasheet
206Kb / 6P
   PNP Epitaxial Silicon Transistor
FJA4213OTU FAIRCHILD-FJA4213OTU Datasheet
206Kb / 6P
   PNP Epitaxial Silicon Transistor
logo
ON Semiconductor
FJA4213OTU ONSEMI-FJA4213OTU Datasheet
484Kb / 8P
   PNP Epitaxial Silicon Transistor
January 2009 Rev. C
logo
Fairchild Semiconductor
FJA4213RTU FAIRCHILD-FJA4213RTU Datasheet
206Kb / 6P
   PNP Epitaxial Silicon Transistor
logo
ON Semiconductor
FJA4213RTU ONSEMI-FJA4213RTU Datasheet
484Kb / 8P
   PNP Epitaxial Silicon Transistor
January 2009 Rev. C
More results

Similar Description - FJA4213

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
Fairchild Semiconductor
FJP5200 FAIRCHILD-FJP5200 Datasheet
565Kb / 5P
   Audio Power Amplifier
logo
Toshiba Semiconductor
TA7368 TOSHIBA-TA7368 Datasheet
381Kb / 10P
   AUDIO POWER AMPLIFIER
TA7376P TOSHIBA-TA7376P Datasheet
303Kb / 7P
   AUDIO POWER AMPLIFIER
logo
NEC
UPC1213C NEC-UPC1213C Datasheet
547Kb / 11P
   AUDIO POWER AMPLIFIER
logo
Mitsumi Electronics, Co...
MM3111 MITSUMI-MM3111 Datasheet
39Kb / 3P
   Audio Power Amplifier
logo
Fairchild Semiconductor
KSA1943 FAIRCHILD-KSA1943 Datasheet
65Kb / 4P
   Audio Power Amplifier
logo
SG Micro Corp
SGM4995 SGMICRO-SGM4995 Datasheet
312Kb / 11P
   Audio Power Amplifier
logo
List of Unclassifed Man...
XPT9305 ETC2-XPT9305 Datasheet
210Kb / 7P
   Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC6019 FUMAN-TC6019 Datasheet
1Mb / 20P
   Audio power amplifier
logo
Toshiba Semiconductor
TA7368P TOSHIBA-TA7368P Datasheet
386Kb / 10P
   AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com