Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR-20431 Datasheet(PDF) 3 Page - Synaptics Incorporated.

Part # AR-20431
Description  AccessRunner ADSL Modem Device Set for PCI Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

AR-20431 Datasheet(HTML) 3 Page - Synaptics Incorporated.

  AR-20431 Datasheet HTML 1Page - Synaptics Incorporated. AR-20431 Datasheet HTML 2Page - Synaptics Incorporated. AR-20431 Datasheet HTML 3Page - Synaptics Incorporated. AR-20431 Datasheet HTML 4Page - Synaptics Incorporated. AR-20431 Datasheet HTML 5Page - Synaptics Incorporated. AR-20431 Datasheet HTML 6Page - Synaptics Incorporated. AR-20431 Datasheet HTML 7Page - Synaptics Incorporated. AR-20431 Datasheet HTML 8Page - Synaptics Incorporated. AR-20431 Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Controller-less ADSL Modem Device Set for PCI Applications
AccessRunner
Doc. No. 100394B
Conexant
3
October 19, 1999
Proprietary Information
Detailed Description
P46 PCI Bus Interface
The P46 PCI bus interface is the bridge device
between the 11627 ADSL DMT data pump and the
host computer. It provides the control, interface, and
data manipulation for the 11627 data pump, the
20431 AFE, the 20441 line driver, and hybrid
circuitry. It is compliant with the PCI Local Bus
Specification, Revision 2.2 and PCI Bus Power
Management Interface Specification, Version 1.0.
20431 Analog Front End
The 20431 AFE is designed for use in full-rate and
G.lite (G.992.2) ADSL modems. The ADSL AFE
interfaces with the transmit line driver (20441) and
the hybrid receive circuitry on the analog side, and
with the ADSL DMT data pump (11627) on the digital
side. The receive section filters out the unwanted
echo and boosts the wanted signal before
performing an A/D conversion. The transmit section
converts digital data to analog signals and performs
a smoothing operation before presenting the signals
to the line driver.
The 20431 is designed to operate from a 3.3V supply
(nominal), assuming that it is regulated within
± 5%. The
maximum allowable supply voltage is 3.6V.
11627 ADSL DMT Data Pump
The 11627 DMT data pump is a T1.413 Issue 2 and
G.992.1 compliant custom digital signal processing
(DSP) chip built specifically for DMT ADSL
transmission for use in ADSL modems. Brief
descriptions of each functional block within the data
pump are provided in the following sections; refer to
Figure 2.
ATM Transmission Convergence (TC)
In the transmit direction, this block is in charge of
embedding ATM cells into the serial data streams
being fed into the digital interface.
In the receive direction, this block extracts the ATM
cell boundaries from the serial data streams coming
from the digital interface.
To reduce traffic on the PCI bus, the TC block
performs idle cell insertion in the transmit direction
and idle cell deletion and header error correction in
the receive direction.
DSL015002
DI
Transmit
Block
DI
Receive
Block
Digital
Interface (DI)
Bit Parser
and QAM
Encoder
QAM
Decoder
and Bit
Parser
AM EncoderDecoder
FEQ
IFFT
FFT
FFT
Transmit
Filter
Time
Domain
Equalizer
ADC
Intf
AFE Interface
DAC
Intf
PCI
Controller
(P46)
Microcontroller
Interface
AFE
(20431)
DMT Data Pump (11627)
EC
Figure 2. AccessRunner 11627 DMT Data Pump Functional Block Diagram


Similar Part No. - AR-20431

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AR-20-HZL-01-TT ASSMANN-AR-20-HZL-01-TT Datasheet
180Kb / 2P
   ASS 4852 CO
AR-20-HZL-07-TT ASSMANN-AR-20-HZL-07-TT Datasheet
180Kb / 2P
   ASS 4852 CO
AR-20-HZL-TT ASSMANN-AR-20-HZL-TT Datasheet
180Kb / 2P
   ASS 4852 CO
AR-20-HZW-TN ASSMANN-AR-20-HZW-TN Datasheet
186Kb / 1P
   ASS 6290 CO
More results

Similar Description - AR-20431

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX11627 CONEXANT-CX11627 Datasheet
366Kb / 56P
   AccessRunner ADSL-USB Modem Device Set
logo
STMicroelectronics
ST70134-ST70135A STMICROELECTRONICS-ST70134-ST70135A Datasheet
57Kb / 8P
   ASCOT ADSL MODEM CHIP SET FOR CPE
ST70134 STMICROELECTRONICS-ST70134 Datasheet
130Kb / 8P
   ASCOT ADSL MODEM CHIP SET FOR CPE
logo
List of Unclassifed Man...
UT20188S ETC1-UT20188S Datasheet
34Kb / 1P
   ADSL Transformer for Conexant AccessRunner Chipset
RH56D-PCI ETC-RH56D-PCI Datasheet
357Kb / 60P
   MODEM DEVICE FAMILY FOR DESKTOP APPLICATIONS
logo
Micro Electronics
SAT-1311 MICRO-ELECTRONICS-SAT-1311 Datasheet
294Kb / 2P
   TRANSFORMER FOR ADSL MODEM
SAT-1313 MICRO-ELECTRONICS-SAT-1313 Datasheet
183Kb / 1P
   TRANSFORMER FOR ADSL MODEM
SAT-1312 MICRO-ELECTRONICS-SAT-1312 Datasheet
226Kb / 1P
   TRANSFORMER FOR ADSL MODEM
SAT-1316 MICRO-ELECTRONICS-SAT-1316 Datasheet
193Kb / 1P
   TRANSFORMER FOR ADSL MODEM
PAT-0701 MICRO-ELECTRONICS-PAT-0701 Datasheet
174Kb / 1P
   TRANSFORMER FOR ADSL MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com