Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1573 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1573
Description  MAX1573 Evaluation Kit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1573 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1573 Datasheet HTML 1Page - Maxim Integrated Products MAX1573 Datasheet HTML 2Page - Maxim Integrated Products MAX1573 Datasheet HTML 3Page - Maxim Integrated Products MAX1573 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Description
The MAX1573 evaluation kit (EV kit) is a fully assembled
and tested surface-mount circuit board. The EV kit con-
tains the MAX1573, a white LED driver with a high-effi-
ciency charge pump. The EV kit accepts a 2.7V to 5.5V
input voltage and drives up to 4 white LEDs with regu-
lated constant current for uniform intensity. The
MAX1573 runs at 1MHz fixed frequency, allowing tiny
external components. An EV kit is available for both the
UCSP and the TQFN packages.
Features
o Proprietary Adaptive 1x/1.5x Modes
o High Efficiency (PLEDs / PBATT), Up to 92%
o 2% LED Current Matching
o 28mA/LED Drive Capability
o Eliminates Ballast Resistor
o Low 0.1µA Shutdown Current
o 2.7V to 5.5V Input Voltage Range
o Tiny 2.1 x 2.1 x 0.6mm UCSP Package
o Surface-Mount Components
o Fully Assembled and Tested
MAX1573 Evaluation Kit
________________________________________________________________ Maxim Integrated Products
1
19-2894; Rev 1; 4/04
Component List
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
Quick Start
Recommended Equipment
For evaluation of either EV kit:
• Variable-output power supply capable of supplying
up to +5.5V at 300mA
Procedure
The MAX1573 EV kit is fully assembled and tested.
Perform the following steps to verify board operation.
Do not turn on the power supply until all connec-
tions are completed:
1) Verify that shunts are across pins 1 and 2 of JU1
(EN1) and JU2 (EN2).
2) Preset the power supply to 2.7V and turn off.
3) Connect the positive lead of the power supply to the
VIN pad on the EV kit board. Connect the ground
lead of the power supply to the GND pad directly
below the VIN pad.
4) Turn on the power supply.
5) Verify that all 4 white LEDs are on with uniform
intensity.
PART
TEMP RANGE
IC PACKAGE
MAX1573EVKIT
0°C to +70°C
14 UCSP 4 x 4
MAX1573TQFNEVKIT
0°C to +70°C
16 TQFN
DESIGNATION
QTY
DESCRIPTION
C1–C4
4
1µF ±10%, 6.3V X5R ceramic
capacitors (0603)
TDK C1608X5R0J105K
D1–D4
4
Surface-mount white LEDs
Nichia NSCW215T
JU1, JU2
2
3-pin headers
JU3
1
Not installed
R1
1
7.5k
Ω ±1% resistor (0603)
U1
1
MAX1573EBE or MAX1573ETE
None
2
Shunts
None
1
MAX1573EVKIT PC board
UCSP is a trademark of Maxim Integrated Products, Inc.
Component Suppliers
Note: Please indicate that you are using the MAX1573 when contacting these suppliers.
SUPPLIER
COMPONENT
PHONE
WEBSITE
Nichia
LEDs
717-285-2323
www.nichia.com
Panasonic
Resistors
714-373-7366
www.maco.panasonic.co.jp
Taiyo Yuden
Capacitors
408-573-4150
www.t-yuden.com
TDK
Capacitors
888-835-6646
www.component.tdk.com


Similar Part No. - MAX1573

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1570ETE MAXIM-MAX1570ETE Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1572 MAXIM-MAX1572 Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
More results

Similar Description - MAX1573

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com