Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYM1851P6-25C Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYM1851P6-25C
Description  1,024K x 32 Static RAM Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYM1851P6-25C Datasheet(HTML) 7 Page - Cypress Semiconductor

  CYM1851P6-25C Datasheet HTML 1Page - Cypress Semiconductor CYM1851P6-25C Datasheet HTML 2Page - Cypress Semiconductor CYM1851P6-25C Datasheet HTML 3Page - Cypress Semiconductor CYM1851P6-25C Datasheet HTML 4Page - Cypress Semiconductor CYM1851P6-25C Datasheet HTML 5Page - Cypress Semiconductor CYM1851P6-25C Datasheet HTML 6Page - Cypress Semiconductor CYM1851P6-25C Datasheet HTML 7Page - Cypress Semiconductor CYM1851P6-25C Datasheet HTML 8Page - Cypress Semiconductor CYM1851P6-25C Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CYM1851
Document #: 38-05274 Rev. **
Page 7 of 9
Ordering Information
Speed
(ns)
Ordering Code
Package
Type
Package Type
Operating
Range
12
CYM1851PM-12C
PM04
72-Pin Plastic SIMM Module
Commercial
CYM1851P8-12C
PM04
72-Pin Plastic SIMM Module (gold contacts)
CYM1851PN-12C
PN04
72-Pin Plastic Angled SIMM Module
CYM1851P6-12C
PN04
72-Pin Plastic Angled SIMM Module (gold contacts)
CYM1851PZ-12C
PZ09
72-Pin Plastic ZIP Module
15
CYM1851PM-15C
PM04
72-Pin Plastic SIMM Module
Commercial
CYM1851P8-15C
PM04
72-Pin Plastic SIMM Module (gold contacts)
CYM1851PN-15C
PN04
72-Pin Plastic Angled SIMM Module
CYM1851P6-15C
PN04
72-Pin Plastic Angled SIMM Module (gold contacts)
CYM1851PZ-15C
PZ09
72-Pin Plastic ZIP Module
20
CYM1851PM-20C
PM04
72-Pin Plastic SIMM Module
Commercial
CYM1851P8-20C
PM04
72-Pin Plastic SIMM Module (gold contacts)
CYM1851PN-20C
PN04
72-Pin Plastic Angled SIMM Module
CYM1851P6-20C
PN04
72-Pin Plastic Angled SIMM Module (gold contacts)
CYM1851PZ-20C
PZ09
72-Pin Plastic ZIP Module
25
CYM1851PM-25C
PM04
72-Pin Plastic SIMM Module
Commercial
CYM1851P8-25C
PM04
72-Pin Plastic SIMM Module (gold contacts)
CYM1851PN-25C
PN04
72-Pin Plastic Angled SIMM Module
CYM1851P6-25C
PN04
72-Pin Plastic Angled SIMM Module (gold contacts)
CYM1851PZ-25C
PZ09
72-Pin Plastic ZIP Module
35
CYM1851PM-35C
PM04
72-Pin Plastic SIMM Module
Commercial
CYM1851P8-35C
PM04
72-Pin Plastic SIMM Module (gold contacts)
CYM1851PN-35C
PN04
72-Pin Plastic Angled SIMM Module
CYM1851P6-35C
PN04
72-Pin Plastic Angled SIMM Module (gold contacts)
CYM1851PZ-35C
PZ09
72-Pin Plastic ZIP Module
Package Diagrams
72-Pin Plastic SIMM Module PM04


Similar Part No. - CYM1851P6-25C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
CYM1831PM-15C CYPRESS-CYM1831PM-15C Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
CYM1831PM-20C CYPRESS-CYM1831PM-20C Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
CYM1831PM-25C CYPRESS-CYM1831PM-25C Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
CYM1831PM-35C CYPRESS-CYM1831PM-35C Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
More results

Similar Description - CYM1851P6-25C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1836 CYPRESS-CYM1836 Datasheet
540Kb / 8P
   128K x 32 Static RAM Module
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
logo
Integrated Device Techn...
IDT7MP4120 IDT-IDT7MP4120 Datasheet
83Kb / 8P
   1M x 32 CMOS STATIC RAM MODULE
logo
Cypress Semiconductor
CYM1846V33 CYPRESS-CYM1846V33 Datasheet
315Kb / 8P
   512K x 32 3.3V Static RAM Module
logo
Integrated Device Techn...
IDT7MP4045 IDT-IDT7MP4045 Datasheet
96Kb / 8P
   256K x 32 CMOS STATIC RAM MODULE
logo
Motorola, Inc
MCM321024 MOTOROLA-MCM321024 Datasheet
80Kb / 8P
   1M x 32 Bit Fast Static RAM Module
MCM32515 MOTOROLA-MCM32515 Datasheet
79Kb / 8P
   512K x 32 Bit Fast Static RAM Module
MCM32257B MOTOROLA-MCM32257B Datasheet
158Kb / 8P
   256K x 32 Bit Fast Static RAM Module
logo
Cypress Semiconductor
CY7C1062AV25 CYPRESS-CY7C1062AV25 Datasheet
285Kb / 9P
   512K x 32 Static RAM
CY7C1062AV33 CYPRESS-CY7C1062AV33_06 Datasheet
318Kb / 9P
   512K x 32 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com