Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYM1851PN-25C Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYM1851PN-25C
Description  1,024K x 32 Static RAM Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYM1851PN-25C Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYM1851PN-25C Datasheet HTML 1Page - Cypress Semiconductor CYM1851PN-25C Datasheet HTML 2Page - Cypress Semiconductor CYM1851PN-25C Datasheet HTML 3Page - Cypress Semiconductor CYM1851PN-25C Datasheet HTML 4Page - Cypress Semiconductor CYM1851PN-25C Datasheet HTML 5Page - Cypress Semiconductor CYM1851PN-25C Datasheet HTML 6Page - Cypress Semiconductor CYM1851PN-25C Datasheet HTML 7Page - Cypress Semiconductor CYM1851PN-25C Datasheet HTML 8Page - Cypress Semiconductor CYM1851PN-25C Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYM1851
Document #: 38-05274 Rev. **
Page 2 of 9
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –55
°C to +125°C
Ambient Temperature with
Power Applied............................................... –10
°C to +85°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State.................................................–0.5V to +VCC
DC Input Voltage ............................................–0.5V to +7.0V
Selection Guide
1851-12
1851-15
1851-20
1851-25
1851-35
Maximum Access Time (ns)
12
15
20
25
35
Maximum Operating Current (mA)
1520
1520
1200
1200
960
Maximum Standby Current (mA)
480
480
480
480
480
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.3
V
VIL
Input LOW Voltage
–0.5
0.8
V
IIX
Input Load Current
GND < VI < VCC
–16
+16
µA
IOZ
Output Leakage Current
GND < VO < VCC, Output Disabled
–10
+10
µA
ICC
VCC Operating Supply
Current
VCC = Max., IOUT = 0 mA,
CSN < VIL
-20, -25, -35
1200
mA
-12, -15
1520
mA
ISB1
Automatic CS Power-Down
Current[1]
Max. VCC, CS > VIH,
Min. Duty Cycle = 100%
480
mA
ISB2
Automatic CS Power-Down
Current[1]
Max. VCC,
CS > VCC – 0.2V,
VIN > VCC – 0.2V, or
VIN < 0.2V
-20, -25, -35
80
mA
-12, -15
240
mA
Capacitance[2]
Parameter
Description
Test Conditions
Max.
Unit
CINA
Input Capacitance (WE, OE, A0–19)
TA = 25°C, f = 1 MHz,
VCC = 5.0V
80
pF
CINB
Input Capacitance (CS)
20
pF
COUT
Output Capacitance
20
pF
Notes:
1.
A pull-up resistor to VCC on the CS input is required to keep the device deselected during VCC power-up, otherwise ISB will exceed values given.
2.
Tested on a sample basis.


Similar Part No. - CYM1851PN-25C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
CYM1831PM-15C CYPRESS-CYM1831PM-15C Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
CYM1831PM-20C CYPRESS-CYM1831PM-20C Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
CYM1831PM-25C CYPRESS-CYM1831PM-25C Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
CYM1831PM-35C CYPRESS-CYM1831PM-35C Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
More results

Similar Description - CYM1851PN-25C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1836 CYPRESS-CYM1836 Datasheet
540Kb / 8P
   128K x 32 Static RAM Module
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
logo
Integrated Device Techn...
IDT7MP4120 IDT-IDT7MP4120 Datasheet
83Kb / 8P
   1M x 32 CMOS STATIC RAM MODULE
logo
Cypress Semiconductor
CYM1846V33 CYPRESS-CYM1846V33 Datasheet
315Kb / 8P
   512K x 32 3.3V Static RAM Module
logo
Integrated Device Techn...
IDT7MP4045 IDT-IDT7MP4045 Datasheet
96Kb / 8P
   256K x 32 CMOS STATIC RAM MODULE
logo
Motorola, Inc
MCM321024 MOTOROLA-MCM321024 Datasheet
80Kb / 8P
   1M x 32 Bit Fast Static RAM Module
MCM32515 MOTOROLA-MCM32515 Datasheet
79Kb / 8P
   512K x 32 Bit Fast Static RAM Module
MCM32257B MOTOROLA-MCM32257B Datasheet
158Kb / 8P
   256K x 32 Bit Fast Static RAM Module
logo
Cypress Semiconductor
CY7C1062AV25 CYPRESS-CY7C1062AV25 Datasheet
285Kb / 9P
   512K x 32 Static RAM
CY7C1062AV33 CYPRESS-CY7C1062AV33_06 Datasheet
318Kb / 9P
   512K x 32 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com