Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1061AV25-12ZC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1061AV25-12ZC
Description  1M x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1061AV25-12ZC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1061AV25-12ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1061AV25-12ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1061AV25-12ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1061AV25-12ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1061AV25-12ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1061AV25-12ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1061AV25-12ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1061AV25-12ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1061AV25-12ZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PRELIMINARY
CY7C1061AV25
Document #: 38-05331 Rev. **
Page 3 of 11
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage on VCC to Relative GND
[1] .... –0.5V to +3.6V
DC Voltage Applied to Outputs
in High-Z State[1] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[1] ................................ –0.5V to VCC + 0.5V
Current into Outputs (LOW)......................................... 20 mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
2.5V
± 0.2V
Industrial
–40
°C to +85°C
DC Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
-8
-10
-12
Unit
Min. Max. Min. Max. Min. Max.
VOH
Output HIGH Voltage
VCC = Min.,
IOH = –1.0 mA
2.0
2.0
2.0
V
VOL
Output LOW Voltage
VCC = Min.,
IOL = 1.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.0
VCC
+ 0.3
2.0
VCC
+ 0.3
2.0
VCC
+ 0.3
V
VIL
Input LOW Voltage[1]
–0.3
0.8
–0.3
0.8
–0.3
0.8
V
IIX
Input Load Current
GND < VI < VCC
–1+1
–1+1
–1+1
µA
IOZ
Output Leakage Current GND < VOUT < VCC, Output Disabled
–1+1
–1+1
–1+1
µA
ICC
VCC Operating
Supply Current
VCC = Max., f = fMAX =
1/tRC
Commercial
300
275
260
mA
Industrial
300
275
260
mA
ISB1
Automatic CE
Power-down Current
— TTL Inputs
CE2 <= VIL
Max. VCC, CE > VIH
VIN > VIH or
VIN < VIL, f = fMAX
100
100
100
mA
ISB2
Automatic CE
Power-down Current
— CMOS Inputs
CE2 <= 0.2V
Max. VCC,
CE > VCC – 0.2V,
VIN > VCC – 0.2V,
or VIN < 0.2V, f = 0
Commercial/
Industrial
50
50
50
mA
Capacitance[2]
Parameter
Package
Description
Test Conditions
Max.
Unit
CIN
Z54
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 2.5V
6
pF
BA48
8pF
COUT
Z54
I/O Capacitance
8
pF
BA48
10
pF
Notes:
1.
VIL (min.) = –2.0V for pulse durations of less than 20 ns.
2.
Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY7C1061AV25-12ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
270Kb / 11P
   1M x 16 Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
642Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
422Kb / 13P
   16-Mbit (1 M 횞 16) Static RAM
CY7C1061AV33-10BAC CYPRESS-CY7C1061AV33-10BAC Datasheet
270Kb / 11P
   1M x 16 Static RAM
CY7C1061AV33-10BAC CYPRESS-CY7C1061AV33-10BAC Datasheet
642Kb / 10P
   16-Mbit (1M x 16) Static RAM
More results

Similar Description - CY7C1061AV25-12ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
270Kb / 11P
   1M x 16 Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62127DV20 CYPRESS-CY62127DV20 Datasheet
221Kb / 12P
   1M (64K x 16) Static RAM
CY62127DV18 CYPRESS-CY62127DV18 Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
CY62127BV CYPRESS-CY62127BV_02 Datasheet
347Kb / 11P
   1M (64K x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33_07 Datasheet
545Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_09 Datasheet
349Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33 Datasheet
408Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62167EV18 CYPRESS-CY62167EV18 Datasheet
530Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_10 Datasheet
319Kb / 17P
   16-Mbit (1M x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com