Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC16205 Datasheet(PDF) 5 Page - OPTREX CORPORATION

Part # DMC16205
Description  LCD Module Specification
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMC16205 Datasheet(HTML) 5 Page - OPTREX CORPORATION

  DMC16205 Datasheet HTML 1Page - OPTREX CORPORATION DMC16205 Datasheet HTML 2Page - OPTREX CORPORATION DMC16205 Datasheet HTML 3Page - OPTREX CORPORATION DMC16205 Datasheet HTML 4Page - OPTREX CORPORATION DMC16205 Datasheet HTML 5Page - OPTREX CORPORATION DMC16205 Datasheet HTML 6Page - OPTREX CORPORATION DMC16205 Datasheet HTML 7Page - OPTREX CORPORATION DMC16205 Datasheet HTML 8Page - OPTREX CORPORATION DMC16205 Datasheet HTML 9Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DMC16205NY-LY
(AB)
No.98-0065
OPTREX CORPORATION
Page 5/15
OPTREX
2.4.Lighting Specifications
2.4.1.Absolute Maximum Ratings
Ta=25℃
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Foward Current
IF
Note 1
120
mA
Reverse Voltage
VR
8
V
LED Power Dissipation
PD
0.5
W
Note 1 : Refer to the foward current derating curve.
2.4.2.Operating Characteristics
Ta=25℃
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Foward Voltage
VF
IF=60mA
3.8
4.1
4.4
V
Luminance of
Backlight Surface
L
IF=60mA
35
cd/㎡
50
25
0
Ta (℃)
70
120
IF (mA)


Similar Part No. - DMC16205

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC16202NY-LY-AGE OPTREX-DMC16202NY-LY-AGE Datasheet
192Kb / 16P
   LCD Module
DMC16207 OPTREX-DMC16207 Datasheet
166Kb / 15P
   LCD Module Specification
DMC16207N-B OPTREX-DMC16207N-B Datasheet
166Kb / 15P
   LCD Module Specification
More results

Similar Description - DMC16205

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com