Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1061AV25-10ZI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1061AV25-10ZI
Description  1M x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1061AV25-10ZI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1061AV25-10ZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1061AV25-10ZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1061AV25-10ZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1061AV25-10ZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1061AV25-10ZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1061AV25-10ZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1061AV25-10ZI Datasheet HTML 9Page - Cypress Semiconductor CY7C1061AV25-10ZI Datasheet HTML 10Page - Cypress Semiconductor CY7C1061AV25-10ZI Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PRELIMINARY
CY7C1061AV25
Document #: 38-05331 Rev. **
Page 8 of 11
Truth Table
CE1
CE2
OE
WE
BLE
BHE
I/O0–I/O7
I/O8–I/O15
Mode
Power
H
X
X
X
X
X
High-Z
High-Z
Power-down
Standby (ISB)
X
L
X
X
X
X
High-Z
High-Z
Power-down
Standby (ISB)
L
H
L
H
L
L
Data Out
Data Out
Read All Bits
Active (ICC)
L
H
L
H
L
H
Data Out
High-Z
Read Lower Bits Only
Active (ICC)
L
H
L
H
H
L
High-Z
Data Out
Read Upper Bits Only
Active (ICC)
L
H
X
L
L
L
Data In
Data In
Write All Bits
Active (ICC)
L
H
X
L
L
H
Data In
High-Z
Write Lower Bits Only
Active (ICC)
L
H
X
L
H
L
High-Z
Data In
Write Upper Bits Only
Active (ICC)
L
H
H
H
X
X
High-Z
High-Z
Selected, Outputs Disabled
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code[16]
Package
Name
Package Type
Operating Range
8
CY7C1061AV25-8ZC
Z54
54-pin TSOP II
Commercial
CY7C1061AV25-8ZI
Industrial
CY7C1061AV25-8BAC
BA48
48-ball Mini BGA
Commercial
CY7C1061AV25-8BAI
Industrial
10
CY7C1061AV25-10ZC
Z54
54-pin TSOP II
Commercial
CY7C1061AV25-10ZI
Industrial
CY7C1061AV25-10BAC
BA48
48-ball Mini BGA
Commercial
CY7C1061AV25-10BAI
Industrial
12
CY7C1061AV25-12ZC
Z54
54-pin TSOP II
Commercial
CY7C1061AV25-12ZI
Industrial
CY7C1061AV25-12BAC
BA48
48-ball Mini BGA
Commercial
CY7C1061AV25-12BAI
Industrial
Note:
16. Contact a Cypress Representative for availability of the 48-ball Mini BGA (BA48) package.


Similar Part No. - CY7C1061AV25-10ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
270Kb / 11P
   1M x 16 Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
642Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
422Kb / 13P
   16-Mbit (1 M 횞 16) Static RAM
CY7C1061AV33-10BAC CYPRESS-CY7C1061AV33-10BAC Datasheet
270Kb / 11P
   1M x 16 Static RAM
CY7C1061AV33-10BAC CYPRESS-CY7C1061AV33-10BAC Datasheet
642Kb / 10P
   16-Mbit (1M x 16) Static RAM
More results

Similar Description - CY7C1061AV25-10ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
270Kb / 11P
   1M x 16 Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62127DV20 CYPRESS-CY62127DV20 Datasheet
221Kb / 12P
   1M (64K x 16) Static RAM
CY62127DV18 CYPRESS-CY62127DV18 Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
CY62127BV CYPRESS-CY62127BV_02 Datasheet
347Kb / 11P
   1M (64K x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33_07 Datasheet
545Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_09 Datasheet
349Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33 Datasheet
408Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62167EV18 CYPRESS-CY62167EV18 Datasheet
530Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_10 Datasheet
319Kb / 17P
   16-Mbit (1M x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com