Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYD04S72V Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYD04S72V
Description  FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD04S72V Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYD04S72V Datasheet HTML 1Page - Cypress Semiconductor CYD04S72V Datasheet HTML 2Page - Cypress Semiconductor CYD04S72V Datasheet HTML 3Page - Cypress Semiconductor CYD04S72V Datasheet HTML 4Page - Cypress Semiconductor CYD04S72V Datasheet HTML 5Page - Cypress Semiconductor CYD04S72V Datasheet HTML 6Page - Cypress Semiconductor CYD04S72V Datasheet HTML 7Page - Cypress Semiconductor CYD04S72V Datasheet HTML 8Page - Cypress Semiconductor CYD04S72V Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
PRELIMINARY
CYD04S72V
CYD09S72V
CYD18S72V
Document #: 38-06069 Rev. *D
Page 3 of 26
Pin Configuration
2.
This ball will represent a next generation Dual-Port feature. For more information about this feature, contact Cypress Sales
3.
Connect this ball to VDDIO. For more information about this next generation Dual-Port feature contact Cypress Sales.
4.
Connect this ball to VSS. For more information about this next generation Dual-Port feature, contact Cypress Sales.
5.
Leave this ball unconnected. For more information about this feature, contact Cypress Sales.
6.
Leave this ball unconnected for a 64K x 72 configuration.
7.
Leave this ball unconnected for 128K x 72 and 64K x72 configurations.
8.
These balls are not applicable for CYD18S72V device. They need to be tied to VDDIO.
9.
These balls are not applicable for CYD18S72V device. They need to be tied to VSS.
10. These balls are not applicable for CYD18S72V device. They need to be no connected.
484-ball BGA
Top View
CYD04S72V / CYD09S72V / CYD18S72V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16171819
202122
A
NC
DQ6
1L
DQ5
9L
DQ5
7L
DQ5
4L
DQ5
1L
DQ4
8L
DQ4
5L
DQ4
2L
DQ3
9L
DQ3
6L
DQ3
6R
DQ3
9R
DQ4
2R
DQ4
5R
DQ4
8R
DQ5
1R
DQ5
4R
DQ5
7R
DQ5
9R
DQ6
1R
NC
B
DQ6
3L
DQ6
2L
DQ6
0L
DQ5
8L
DQ5
5L
DQ5
2L
DQ4
9L
DQ4
6L
DQ4
3L
DQ4
0L
DQ3
7L
DQ3
7R
DQ4
0R
DQ4
3R
DQ4
6R
DQ4
9R
DQ5
2R
DQ5
5R
DQ5
8R
DQ6
0R
DQ6
2R
DQ6
3R
C
DQ6
5L
DQ6
4L
VSS
VSS
DQ5
6L
DQ5
3L
DQ5
0L
DQ4
7L
DQ4
4L
DQ4
1L
DQ3
8L
DQ3
8R
DQ4
1R
DQ4
4R
DQ4
7R
DQ5
0R
DQ5
3R
DQ5
6R
VSS
VSS
DQ6
4R
DQ6
5R
D
DQ6
7L
DQ6
6L
VSS
VSS
VSS
NC
[2, 5]
NC
[2, 5]
REV
L[2,4]
LOW
SPD
L[2,4]
POR
TST
D0L
[2,4]
NC
[2, 5]
BUS
YL
[2, 5]
CNTI
NTL
[10]
POR
TST
D1L
[2, 5]
REV
R[2,4]
NC
[2, 5]
NC
[2, 5]
VSS
VSS
VSS
DQ6
6R
DQ6
7R
E
DQ6
9L
DQ6
8L
VDD
IOL
VSS
VSS
VDD
IOL
VDD
IOL
VDD
IOL
VDDI
OL
VDDI
OL
VTT
L
VTT
L
VTTL
VDDI
OR
VDD
IOR
VDD
IOR
VDD
IOR
NC
VSS
VDD
IOR
DQ6
8R
DQ6
9R
F
DQ7
1L
DQ7
0L
CE1
L[8]
CE0
L [9]
VDD
IOL
VDD
IOL
VDD
IOL
VDD
IOL
VDDI
OL
VCO
RE
VCO
RE
VCO
RE
VCO
RE
VDDI
OR
VDD
IOR
VDD
IOR
VDD
IOR
VDD
IOR
CE0
R [9]
CE1
R[8]
DQ7
0R
DQ7
1R
G
A0L
A1L
RET
L[2,3]
BE4
L
VDD
IOL
VDD
IOL
VRE
FL
[2, 4]
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VRE
FR
[2, 4]
VDD
IOR
VDD
IOR
BE4
R
RET
R[2,3]
A1R
A0R
H
A2L
A3L
WRP
L[2,3]
BE5
L
VDD
IOL
VDD
IOL
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD
IOR
VDD
IOR
BE5
R
WRP
R[2,3]
A3R
A2R
J
A4L
A5L
REA
DYL
[2, 5]
BE6
L
VDD
IOL
VDD
IOL
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD
IOR
VDD
IOR
BE6
R
REA
DYR
[2, 5]
A5R
A4R
K
A6L
A7L
NC
BE7
L
VTT
L
VCO
RE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VCO
RE
VDD
IOR
BE7
R
NC
A7R
A6R
L
A8L
A9L
CL
OELVTT
L
VCO
RE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VCO
RE
VTT
L
OERCR
A9R
A8R
M
A10L
A11L
REV
L [2,4]
BE3
L
VTT
L
VCO
RE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VCO
RE
VTT
L
BE3
R
REV
R[2,4]
A11
R
A10
R
N
A12L
A13L
ADS
L [9]
BE2
L
VDD
IOL
VCO
RE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VCO
RE
VTT
L
BE2
R
ADS
R [9]
A13
R
A12
R
P
A14L
A15L
CNT/
MSK
L[8]
BE1
L
VDD
IOL
VDD
IOL
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD
IOR
VDD
IOR
BE1
R
CNT/
MSK
R[8]
A15
R
A14
R
R
A16L
[6]
A17L
[7]
CNT
ENL
[9]
BE0
L
VDD
IOL
VDD
IOL
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD
IOR
VDD
IOR
BE0
R
CNT
ENR
[9]
A17
R
[7]
A16
R
[6]
T
A18L
[2,5]
NC
CNT
RST
L [8]
INTLVDD
IOL
VDD
IOL
VRE
FL
[2, 4]
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VRE
FR
[2, 4]
VDD
IOR
VDD
IOR
INTR
CNT
RST
R[8]
NC
A18
R
[2,5]
U
DQ3
5L
DQ3
4L
R/W
L
REV
L [2,4]
VDD
IOL
VDD
IOL
VDD
IOL
VDD
IOL
VDDI
OL
VCO
RE
VCO
RE
VCO
RE
VCO
RE
VDDI
OR
VDD
IOR
VDD
IOR
VDD
IOR
VDD
IOR
REV
R[2,4]
R/W
R
DQ3
4R
DQ3
5R
V
DQ3
3L
DQ3
2L
FTS
ELL
[2,3]
VDD
IOL
NC
VDD
IOL
VDD
IOL
VDD
IOL
VDDI
OL
VTTL
VTT
L
VTT
L
VDDI
OR
VDDI
OR
VDD
IOR
VDD
IOR
VDD
IOR
TRS
T[2,5]
VDD
IOR
FTS
ELR
[2,3]
DQ3
2R
DQ3
3R
W
DQ3
1L
DQ3
0L
VSS
MRS
T
VSS
NC
[2, 5]
NC
[2, 5]
REV
L[2,4]
POR
TST
D1R
[2, 5]
CNTI
NTR
[10]
BUS
YR
[2, 5]
NC
[2, 5]
POR
TST
D0R
[2,4]
LOW
SPD
R[2,4]
REV
R[2,4]
NC
[2, 5]
NC
[2, 5]
VSS
TDI
TDO
DQ3
0R
DQ3
1R
Y
DQ2
9L
DQ2
8L
VSS
VSS
DQ2
0L
DQ1
7L
DQ1
4L
DQ1
1L
DQ8
L
DQ5
L
DQ2
L
DQ2
R
DQ5
R
DQ8
R
DQ1
1R
DQ1
4R
DQ1
7R
DQ2
0R
TMS
TCK
DQ2
8R
DQ2
9R
A
A
DQ2
7L
DQ2
6L
DQ2
4L
DQ2
2L
DQ1
9L
DQ1
6L
DQ1
3L
DQ1
0L
DQ7
L
DQ4
L
DQ1
L
DQ1
R
DQ4
R
DQ7
R
DQ1
0R
DQ1
3R
DQ1
6R
DQ1
9R
DQ2
2R
DQ2
4R
DQ2
6R
DQ2
7R
A
B
NC
DQ2
5L
DQ2
3L
DQ2
1L
DQ1
8L
DQ1
5L
DQ1
2L
DQ9
L
DQ6
L
DQ3
L
DQ0
L
DQ0
R
DQ3
R
DQ6
R
DQ9
R
DQ1
2R
DQ1
5R
DQ1
8R
DQ2
1R
DQ2
3R
DQ2
5R
NC


Similar Part No. - CYD04S72V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD04S72V CYPRESS-CYD04S72V Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V Datasheet
914Kb / 30P
   FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
CYD04S72V-133BBC CYPRESS-CYD04S72V-133BBC Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V-133BBI CYPRESS-CYD04S72V-133BBI Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V-167BBC CYPRESS-CYD04S72V-167BBC Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
More results

Similar Description - CYD04S72V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD04S72V CYPRESS-CYD04S72V_06 Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CYD01S18V CYPRESS-CYD01S18V Datasheet
585Kb / 26P
   FLEx18??3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com