Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199C-15VC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C199C-15VC
Description  32K x 8 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199C-15VC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C199C-15VC Datasheet HTML 3Page - Cypress Semiconductor CY7C199C-15VC Datasheet HTML 4Page - Cypress Semiconductor CY7C199C-15VC Datasheet HTML 5Page - Cypress Semiconductor CY7C199C-15VC Datasheet HTML 6Page - Cypress Semiconductor CY7C199C-15VC Datasheet HTML 7Page - Cypress Semiconductor CY7C199C-15VC Datasheet HTML 8Page - Cypress Semiconductor CY7C199C-15VC Datasheet HTML 9Page - Cypress Semiconductor CY7C199C-15VC Datasheet HTML 10Page - Cypress Semiconductor CY7C199C-15VC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CY7C199C
Document #: 38-05408 Rev. *A
Page 7 of 12
Data Retention Characteristics9
Timing Waveforms
Data Retention Waveform
Read Cycle No. 1 10 11
tSA
Address Set–Up to Write
Start
0
0
0
0
ns
tPWE
WE Pulse Width
8
9
15
15
ns
tSD
Data Set–Up to Write End
8
9
10
10
ns
tHD
Data Hold from Write End
0
0
0
0
ns
tHZWE
WE LOW to High Z
7
7
10
10
ns
tLZWE
WE HIGH to Low Z
3
3
3
3
ns
Parameter
Description
Condition
ALL
Unit
Min
Max
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
VCC = VDR=2.0V, CE ≥ VCC – 0.3V, VIN
VCC – 0.3V or VIN ≤ 0.3V
150
uA
tCDR
Chip Deselect to Data
Retention Time
0
ns
tR
Operation Recovery Time
200
us
Notes:
9. L–version only.
10. Device is continuously selected. OE = VIL = CE.
11. WE is HIGH for Read Cycle.
Parameter
Description
12 ns
15 ns
20 ns
25 ns
Unit
Min
Max
Min
Max
Min
Max
Min
Max
CE
DATA RETENTION MODE
t
CDR
t
R
V
CC
Address
Data Out
Previous Data Valid
Data Valid
t
RC
t
AA
t
OHA


Similar Part No. - CY7C199C-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
More results

Similar Description - CY7C199C-15VC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com