Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC50462 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SC50462
Description  INFRARED REMOTE CONTROL TRANSMITTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC50462 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SC50462 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Silan
Semiconductors
SC50462
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.1
2002-02-28
5
4. TRANSMISSION CODE
The transmission Code consists of 16 bits, namely: 8 bits custom code(C0~C7 ) and 8 bits data code (D0~D7).
Please refer to the table below:
C0 C1 C2 C3 C4 C5 C6 C7 D0 D1 D2 D3 D4 D5 D6 D7
Custom Code
Data Code
One frame of the Transmission Code
If a Single Shot Key is depressed, data Codes—D6 and d7 will be given the value of (0,0).Please refer to the
table1.If a valid double key operation is performed, the data codes will receive the values described in Table 2.
Data
Scan Output
D0
D1
D2
Octal display
S1
0
0
0
0
S2
1
0
0
1
S3
0
1
0
2
S4
1
1
0
3
S5
0
0
1
4
S6
1
0
1
5
S7
0
1
1
6
S8
1
1
1
7
Data
Key Input
D3
D4
D5
Octal display
I1
0
0
0
0
I2
1
0
0
1
I3
0
1
0
2
I4
1
1
0
3
I5
0
0
1
4
I6
1
0
1
5
I7
0
1
1
6
I8
1
1
1
7
Table 1: Key Matrix/Code


Similar Part No. - SC50462

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
   INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC50462S SILAN-SC50462S Datasheet
299Kb / 11P
   INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
logo
SHENZHEN FUMAN ELECTRON...
SC50462T FUMAN-SC50462T Datasheet
255Kb / 4P
   16Pin infrared remote control IC
SC50462TS FUMAN-SC50462TS Datasheet
255Kb / 4P
   16Pin infrared remote control IC
More results

Similar Description - SC50462

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
   Infrared Remote Control Transmitter
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
   Infrared Remote Control Transmitter???
logo
Silan Microelectronics ...
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
   Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
   Infrared Remote Control Transmitter???
PT2221M PTC-PT2221M Datasheet
452Kb / 4P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248 Datasheet
80Kb / 4P
   Infrared Remote Control Transmitter????
logo
Silan Microelectronics ...
SC6122 SILAN-SC6122 Datasheet
220Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com