Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXN1010-2BAL Datasheet(PDF) 6 Page - Sony Corporation

Part # CXN1010-2BAL
Description  Bluetooth Module
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXN1010-2BAL Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXN1010-2BAL Datasheet HTML 2Page - Sony Corporation CXN1010-2BAL Datasheet HTML 3Page - Sony Corporation CXN1010-2BAL Datasheet HTML 4Page - Sony Corporation CXN1010-2BAL Datasheet HTML 5Page - Sony Corporation CXN1010-2BAL Datasheet HTML 6Page - Sony Corporation CXN1010-2BAL Datasheet HTML 7Page - Sony Corporation CXN1010-2BAL Datasheet HTML 8Page - Sony Corporation CXN1010-2BAL Datasheet HTML 9Page - Sony Corporation CXN1010-2BAL Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
– 6 –
CXN1010
Input/Output Terminal Characteristics (continued)
USB Terminals
Input Threshold
VIL input logic level low
VIH input logic level high
Input Leakage Current
GND < VIN < VDD3.0
CI input capacitance
Output Levels to Correctly Terminated USB Cable
VOL input logic level low
VOH input logic level high
Unit
V
V
µA
pF
V
V
Auxiliary DAC, 8-bit Resolution
Resolution
Average output step size
Output Voltage
Voltage range (IO = 0)
Current range
Minimum output voltage (IO = 100µA)
Maximum output voltage (IO = 10mA)
High impedance leakage current
Offset
Integral non-linearity
Starting time (50pF load)
Setting time (50pF load)
Unit
Bits
mV
V
mA
V
V
µA
mV
LSB
µs
µs
PD-RST Terminal
VDD falling threshold
VDD rising threshold
Hysteresis
Unit
V
V
V
Monotonic: 0.2 to VDD3.0 – 0.2V
Typ.
Min.
0.7
× VDD3.0
–1
2.5
0
2.8
Max.
0.3
× VDD3.0
1
10
0.2
VDD3.0
Typ.
14.5
Min.
12.5
GND
–10
0
VDD3.0 – 0.3
–1
–220
–2
Max.
8
17
VDD3.0
0.1
0.2
VDD3.0
1
120
2
10
5
Typ.
1.50
1.60
0.10
Min.
1.40
1.50
0.05
Max.
1.60
1.70
0.15


Similar Part No. - CXN1010-2BAL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXN1000 SONY-CXN1000 Datasheet
140Kb / 24P
   Bluetooth Module
CXN1000-3AAL SONY-CXN1000-3AAL Datasheet
140Kb / 24P
   Bluetooth Module
CXN1000-3BAL SONY-CXN1000-3BAL Datasheet
140Kb / 24P
   Bluetooth Module
CXN1000-3CAL SONY-CXN1000-3CAL Datasheet
140Kb / 24P
   Bluetooth Module
CXN1000-3DAL SONY-CXN1000-3DAL Datasheet
140Kb / 24P
   Bluetooth Module
More results

Similar Description - CXN1010-2BAL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BLUEM-G1X0 ETC-BLUEM-G1X0 Datasheet
885Kb / 15P
   Bluetooth Module
PARANI-BCD100 ETC-PARANI-BCD100 Datasheet
774Kb / 22P
   Bluetooth Module
logo
BUDDIES TECHNOLOGY LIMI...
BLM211 BUDDIES-BLM211 Datasheet
302Kb / 15P
   Bluetooth Module
BTA256M BUDDIES-BTA256M Datasheet
260Kb / 17P
   Bluetooth Module
BTM312 BUDDIES-BTM312 Datasheet
960Kb / 23P
   Bluetooth Module
BTM512 BUDDIES-BTM512 Datasheet
990Kb / 23P
   Bluetooth Module
BTM8610 BUDDIES-BTM8610 Datasheet
970Kb / 23P
   Bluetooth Module
BTM8610M BUDDIES-BTM8610M Datasheet
939Kb / 22P
   Bluetooth Module
BTM8640 BUDDIES-BTM8640 Datasheet
975Kb / 24P
   Bluetooth Module
BTM8645M BUDDIES-BTM8645M Datasheet
927Kb / 23P
   Bluetooth Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com