Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS53L32A-KZZ Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS53L32A-KZZ
Description  Low Voltage, Stereo A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A-KZZ Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS53L32A-KZZ Datasheet HTML 5Page - Cirrus Logic CS53L32A-KZZ Datasheet HTML 6Page - Cirrus Logic CS53L32A-KZZ Datasheet HTML 7Page - Cirrus Logic CS53L32A-KZZ Datasheet HTML 8Page - Cirrus Logic CS53L32A-KZZ Datasheet HTML 9Page - Cirrus Logic CS53L32A-KZZ Datasheet HTML 10Page - Cirrus Logic CS53L32A-KZZ Datasheet HTML 11Page - Cirrus Logic CS53L32A-KZZ Datasheet HTML 12Page - Cirrus Logic CS53L32A-KZZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
CS53L32A
DS513F1
9
DIGITAL CHARACTERISTICS (T
A = 25° C; VL = 1.7 V - 3.6 V; GND = 0 V)
ABSOLUTE MAXIMUM RATINGS (GND = 0 V; all voltages with respect to ground.)
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is
not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS (GND = 0V; all voltages with respect to ground.)
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
0.7•VL
-
-
V
Low-Level Input Voltage
VIL
-
-
0.3•VL
V
High-Level Output Voltage
VOH
0.7•VL
-
-
V
Low-Level Output Voltage
VOL
-
-
0.3•VL
V
Leakage Current
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
Parameters
Symbol
Min
Max
Units
DC Power Supplies:
Positive Analog
Digital I/O
VA
VL
-0.3
-0.3
4.0
4.0
V
V
Input Current, Any Pin Except Supplies
Iin
-±10
mA
Digital Input Voltage
VIND
-0.3
VL+0.4
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Parameters
Symbol
Min
Typ
Max
Units
Ambient Temperature
TA
-10
-
70
°C
DC Power Supplies:
Positive Analog
Digital I/O
VA
VL
1.7
1.7
-
-
3.6
3.6
V
V


Similar Part No. - CS53L32A-KZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS53L30 CIRRUS-CS53L30 Datasheet
3Mb / 67P
   Low-Power Quad-Channel Microphone ADC with TDM Output
More results

Similar Description - CS53L32A-KZZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1804 TI1-PCM1804_14 Datasheet
611Kb / 36P
[Old version datasheet]   STEREO A/D CONVERTER
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
   Low Cost, 20-Bit, Stereo, Audio D/A Converter
logo
Texas Instruments
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
   24-Bit, 192kHz Stereo D/A Converter
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
   24-Bit Stereo Audio D/A Converter
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Unisonic Technologies
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
   16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M4334 UTC-M4334_15 Datasheet
248Kb / 9P
   STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com