Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWS725A Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PWS725A
Description  Isolated, Unregulated DC/DC CONVERTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PWS725A Datasheet(HTML) 6 Page - Burr-Brown (TI)

  PWS725A Datasheet HTML 1Page - Burr-Brown (TI) PWS725A Datasheet HTML 2Page - Burr-Brown (TI) PWS725A Datasheet HTML 3Page - Burr-Brown (TI) PWS725A Datasheet HTML 4Page - Burr-Brown (TI) PWS725A Datasheet HTML 5Page - Burr-Brown (TI) PWS725A Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
®
PWS725A/726A
full load while drawing only 3mA from the negative supply.
Under these conditions, the PWS725A/726A could supply
power for up to five devices (80mA
÷ 16mA ≈ 5). Thus, the
PWS725A/726A can power more circuits than is at first
apparent.
ISOLATION VOLTAGE RATINGS
Because a long-term test is impractical in a manufacturing
situation, the generally accepted practice is to perform a
production test at a higher voltage for some shorter period of
time. The relationship between actual test conditions and the
continuous derated maximum specification is an important
one. Burr-Brown has chosen a deliberately conservative
one: VDC
TEST = (2 X VACrms CONTINUOUS RATING) + 1000V for
ten seconds. This choice is appropriate for conditions where
system transient voltages are not well defined.(1) Where the
real voltages are well-defined or where the isolation voltage
is not continuous, the user may choose a less conservative
derating to establish a specification from the test voltage.
OUTPUT SYNC SIGNAL
To allow synchronization of an ISO120 or ISO121 isolation
amplifier, the PWS725A and PWS726A have an OUTPUT
SYNC signal at pin 29. It should be connected as shown in
Figure 5 to keep capacitive loading of pin 29 to a minimum.
If output sync is not used, leave pin open.
FIGURE 5. Synchronization with ISO120 or ISO121 Isola-
tion Amplifier.
29
PWS725A/726A
20k
4
20pF
Ext Osc
Connection
of
ISO120
or
ISO121
NOTE: (1) Reference National Electrical Manufacturers Association (NEMA)
Standards Parts ICS I-109 and ICS I-111.


Similar Part No. - PWS725A

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PWS71002A23N4LG HAMMOND-PWS71002A23N4LG Datasheet
57Kb / 2P
   Echangeur de chaleur air/eau
PWS7102A115N4LG HAMMOND-PWS7102A115N4LG Datasheet
57Kb / 2P
   Echangeur de chaleur air/eau
PWS7102A230N4LG HAMMOND-PWS7102A230N4LG Datasheet
57Kb / 2P
   Echangeur de chaleur air/eau
PWS7152A115N4LG HAMMOND-PWS7152A115N4LG Datasheet
57Kb / 2P
   Echangeur de chaleur air/eau
PWS7152A230N4LG HAMMOND-PWS7152A230N4LG Datasheet
57Kb / 2P
   Echangeur de chaleur air/eau
More results

Similar Description - PWS725A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP02 TI-DCP02_08 Datasheet
767Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP02 TI1-DCP02_14 Datasheet
604Kb / 18P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP02_0711 TI-DCP02_0711 Datasheet
733Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP02 TI-DCP02 Datasheet
530Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP020503 TI1-DCP020503 Datasheet
598Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com