Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3728LXCUH Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3728LXCUH
Description  Dual, 550kHz, 2-Phase Synchronous Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3728LXCUH Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3728LXCUH Datasheet HTML 4Page - Linear Technology LTC3728LXCUH Datasheet HTML 5Page - Linear Technology LTC3728LXCUH Datasheet HTML 6Page - Linear Technology LTC3728LXCUH Datasheet HTML 7Page - Linear Technology LTC3728LXCUH Datasheet HTML 8Page - Linear Technology LTC3728LXCUH Datasheet HTML 9Page - Linear Technology LTC3728LXCUH Datasheet HTML 10Page - Linear Technology LTC3728LXCUH Datasheet HTML 11Page - Linear Technology LTC3728LXCUH Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
LTC3728L/LTC3728LX
3728lxfa
VOSENSE1, VOSENSE2: Error Amplifier Feedback Input. Re-
ceives the remotely-sensed feedback voltage for each
controller from an external resistive divider across the
output.
PLLFLTR: Filter Connection for Phase-Locked Loop. Al-
ternatively, this pin can be driven with an AC or DC voltage
source to vary the frequency of the internal oscillator.
PLLIN: External Synchronization Input to Phase Detector.
This pin is internally terminated to SGND with 50k
Ω. The
phase-locked loop will force the rising top gate signal of
controller 1 to be synchronized with the rising edge of the
PLLIN signal.
FCB: Forced Continuous Control Input. This input acts on
both controllers and is normally used to regulate a
secondary winding. Pulling this pin below 0.8V will force
continuous synchronous operation.
ITH1, ITH2: Error Amplifier Output and Switching Regulator
Compensation Point. Each associated channels’ current
comparator trip point increases with this control voltage.
SGND: Small Signal Ground. Common to both con-
trollers, this pin must be routed separately from high
current grounds to the common (–) terminals of the
COUT capacitors.
3.3VOUT: Lnear Regulator Output. Capable of supplying
10mA DC with peak currents as high as 50mA.
NC: No Connect.
SENSE2, SENSE1: The (–) Input to the Differential
Current Comparators.
SENSE2+, SENSE1+: The (+) Input to the Differential
Current Comparators. The ITH pin voltage and controlled
offsets between the SENSEand SENSE+ pins in conjunc-
tion with RSENSE set the current trip threshold.
RUN/SS2, RUN/SS1: Combination of soft-start, run con-
trol inputs and short-circuit detection timers. A capacitor
to ground at each of these pins sets the ramp time to full
output current. Forcing either of these pins back below
1.0V causes the IC to shut down the circuitry required for
that particular controller. Latchoff overcurrent protection
is also invoked via this pin as described in the Applications
Information section.
TG2, TG1: High Current Gate Drives for Top N-Channel
MOSFETs. These are the outputs of floating drivers with a
voltage swing equal to INTVCC – 0.5V superimposed on
the switch node voltage SW.
SW2, SW1: Switch Node Connections to Inductors. Volt-
age swing at these pins is from a Schottky diode (external)
voltage drop below ground to VIN.
BOOST2, BOOST1: Bootstrapped Supplies to the Top Side
Floating Drivers. Capacitors are connected between the
boost and switch pins and Schottky diodes are tied be-
tween the boost and INTVCC pins. Voltage swing at the
boost pins is from INTVCC to (VIN + INTVCC).
BG2, BG1: High Current Gate Drives for Bottom (Synchro-
nous) N-Channel MOSFETs. Voltage swing at these pins is
from ground to INTVCC.
PGND: Driver Power Ground. Connects to the sources of
bottom (synchronous) N-channel MOSFETs, anodes of the
Schottky rectifiers and the (–) terminal(s) of CIN.
INTVCC: Output of the Internal 5V Linear Low Dropout
Regulator and the EXTVCC Switch. The driver and control
circuits are powered from this voltage source. Must be
decoupled to power ground with a minimum of 4.7
µF tanta-
lum or other low ESR capacitor.
EXTVCC: External Power Input to an Internal Switch Con-
nected to INTVCC. This switch closes and supplies VCC
power, bypassing the internallow dropout regulator, when-
ever EXTVCC is higher than 4.7V. See EXTVCC connection
in Applications section. Do not exceed 7V on this pin.
VIN: Main Supply Pin. A bypass capacitor should be tied
between this pin and the signal ground pin.
PGOOD: Open-Drain Logic Output. PGOOD is pulled to
ground when the voltage on either VOSENSE pin is not
within
±7.5% of its set point.
Exposed Pad (UH Package Only): Signal Ground. Must be
soldered to the PCB, providing a local ground for the
control components of the IC, and be tied to the PGND pin
under the IC.
PI FU CTIO S


Similar Part No. - LTC3728LXCUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3728LXCUH LINER-LTC3728LXCUH Datasheet
460Kb / 38P
   Dual, 550kHz, 2-Phase Synchronous Regulators
LTC3728LXCUHPBF LINER-LTC3728LXCUHPBF Datasheet
460Kb / 38P
   Dual, 550kHz, 2-Phase Synchronous Regulators
More results

Similar Description - LTC3728LXCUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3728L LINER-LTC3728L_15 Datasheet
460Kb / 38P
   Dual, 550kHz, 2-Phase Synchronous Regulators
LTC3728LX LINER-LTC3728LX_15 Datasheet
460Kb / 38P
   Dual, 550kHz, 2-Phase Synchronous Regulators
LTC3728LCGN-PBF LINER-LTC3728LCGN-PBF Datasheet
460Kb / 38P
   Dual, 550kHz, 2-Phase Synchronous Regulators
LTC3728L-1 LINER-LTC3728L-1 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC3728L-1 LINER-LTC3728L-1_15 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC1702 LINER-LTC1702_15 Datasheet
421Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702 LINER-LTC1702 Datasheet
350Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A_15 Datasheet
422Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A Datasheet
416Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC3728 LINER-LTC3728_15 Datasheet
1Mb / 36P
   Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com