Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37B80X Datasheet(PDF) 81 Page - SMSC Corporation

Part # FDC37B80X
Description  PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
Download  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B80X Datasheet(HTML) 81 Page - SMSC Corporation

Back Button FDC37B80X Datasheet HTML 77Page - SMSC Corporation FDC37B80X Datasheet HTML 78Page - SMSC Corporation FDC37B80X Datasheet HTML 79Page - SMSC Corporation FDC37B80X Datasheet HTML 80Page - SMSC Corporation FDC37B80X Datasheet HTML 81Page - SMSC Corporation FDC37B80X Datasheet HTML 82Page - SMSC Corporation FDC37B80X Datasheet HTML 83Page - SMSC Corporation FDC37B80X Datasheet HTML 84Page - SMSC Corporation FDC37B80X Datasheet HTML 85Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 194 page
background image
81
PARALLEL PORT
The FDC37B80x incorporates an IBM XT/AT
compatible parallel port.
This supports the
optional PS/2 type bi-directional parallel port
(SPP), the Enhanced Parallel Port (EPP) and
the Extended Capabilities Port (ECP) parallel
port
modes.
Refer
to
the
Configuration
Registers for information on disabling, power
down, changing the base address of the parallel
port, and selecting the mode of operation.
The FDC37B80x also provides a mode for
support of the floppy disk controller on the
parallel port.
The parallel port also incorporates SMSC's
ChiProtect circuitry, which prevents possible
damage to the parallel port due to printer power-
up.
The functionality of the Parallel Port is achieved
through the use of eight addressable ports, with
their associated registers and control gating.
The control and data port are read/write by the
CPU, the status port is read/write in the EPP
mode. The address map of the Parallel Port is
shown below:
DATA PORT
BASE ADDRESS + 00H
STATUS PORT
BASE ADDRESS + 01H
CONTROL PORT
BASE ADDRESS + 02H
EPP ADDR PORT
BASE ADDRESS + 03H
EPP DATA PORT 0
BASE ADDRESS + 04H
EPP DATA PORT 1
BASE ADDRESS + 05H
EPP DATA PORT 2
BASE ADDRESS + 06H
EPP DATA PORT 3
BASE ADDRESS + 07H
The bit map of these registers is:
D0
D1
D2
D3
D4
D5
D6
D7
Note
DATA PORT
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
1
STATUS
PORT
TMOUT
0
0
nERR
SLCT
PE
nACK
nBUSY
1
CONTROL
PORT
STROBE AUTOFD
nINIT
SLC
IRQE
PCD
0
0
1
EPP ADDR
PORT
PD0
PD1
PD2
PD3
PD4
PD5
PD6
AD7
2,3
EPP DATA
PORT 0
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
2,3
EPP DATA
PORT 1
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
2,3
EPP DATA
PORT 2
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
2,3
EPP DATA
PORT 3
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
2,3
Note 1: These registers are available in all modes.
Note 2: These registers are only available in EPP mode.
Note 3: For EPP mode, IOCHRDY must be connected to the ISA bus.


Similar Part No. - FDC37B80X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results

Similar Description - FDC37B80X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
logo
List of Unclassifed Man...
FDC37M70X ETC-FDC37M70X Datasheet
597Kb / 194P
   Enhanced Super I/O Controller with Wake-Up
logo
SMSC Corporation
37B77X SMSC-37B77X Datasheet
573Kb / 196P
   ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
logo
National Semiconductor ...
PC87351 NSC-PC87351 Datasheet
358Kb / 86P
   PC87351 PC98 and ACPI Compliant SuperI/O with System Wake-Up Control
PC87338 NSC-PC87338 Datasheet
1Mb / 221P
   ACPI 1.0 and PC98/99 Compliant SuperI/O
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com