Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC960DLR Datasheet(PDF) 2 Page - Texas Instruments

Part # CDC960DLR
Description  200-MHz CLOCK SYNTHESIZER/DRIVER WITH SPREAD SPECTURM CAPABILITY AND DEVICE CONTROL INTERFACE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC960DLR Datasheet(HTML) 2 Page - Texas Instruments

  CDC960DLR Datasheet HTML 1Page - Texas Instruments CDC960DLR Datasheet HTML 2Page - Texas Instruments CDC960DLR Datasheet HTML 3Page - Texas Instruments CDC960DLR Datasheet HTML 4Page - Texas Instruments CDC960DLR Datasheet HTML 5Page - Texas Instruments CDC960DLR Datasheet HTML 6Page - Texas Instruments CDC960DLR Datasheet HTML 7Page - Texas Instruments CDC960DLR Datasheet HTML 8Page - Texas Instruments CDC960DLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CDC960
200MHz CLOCK SYNTHESIZER/DRIVER
WITH SPREAD SPECTRUM CAPABILITY AND DEVICE CONTROL INTERFACE
SCAS675 – APRIL 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The CPU bus is a 3.3-V differential push-pull output type. All others are single-ended CMOS buffers.
The host frequencies are fixed and are controlled by the FS0, FS1 and FS2 signals at power-up. The CPU bus
frequencies are 200, 166, 133 and 100 MHz.
Because the CDC960 is based on PLL circuitry, it requires a stabilization time to achieve phase-lock of the PLL.
With use of external reference clock, this signal must be fixed-frequency and fixed-phase prior stabilization time
starts.
FUNCTION TABLES
DEVICE FREQUENCY SELECT FUNCTIONS
SMBUS
CONTROLLED
INPUTS
OUTPUTS
L
L
H
H
H
H
H
200 MHz
33 MHz
33 MHz
48 MHz
24 MHz
14.31818 MHz
L
LH
L
H
H
H
200 MHz
33 MHz
66 MHz
48 MHz
24 MHz
14.31818 MHz
L
LL
H
H
H
H
200 MHz
33 MHz
33 MHz
48 MHz
48 MHz
14.31818 MHz
L
LL
L
H
H
H
200 MHz
33 MHz
66 MHz
48 MHz
48 MHz
14.31818 MHz
L
L
H/L
H/L
H
H
L
166 MHz
33 MHz
33/66 MHz
48 MHz
24/48 MHz
14.31818 MHz
L
L
H/L
H/L
H
L
H
133 MHz
33 MHz
33/66 MHz
48 MHz
24/48 MHz
14.31818 MHz
L
L
H/L
H/L
H
L
L
100 MHz
33 MHz
33/66 MHz
48 MHz
24/48 MHz
14.31818 MHz
L
L
X
H
L
L
H
Xin
Xin/6
Xin/6
L
L
L
f(xin) = 0 to
L
LX
L
L
L
H
Xin
Xin/6
Xin/3
L
L
L
f(xin) = 0 to
200 MHz
L
L
H
H
L
H
H
Xin
Xin/6
Xin/6
Xin/2
Xin/4
Xin
L
LH
L
L
H
H
Xin
Xin/6
Xin/3
Xin/2
Xin/4
Xin
f(xin) = 0 to
L
LL
H
L
H
H
Xin
Xin/6
Xin/6
Xin/2
Xin/2
Xin
f(xin) = 0 to
16 MHz
L
LL
L
L
H
H
Xin
Xin/6
Xin/3
Xin/2
Xin/2
Xin
L
L
X
X
L
H
L
Reserved for future use
L
L
X
X
L
L
L
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
L
H
H/L
H/L
H
H
H
90 MHz
30 MHz
30/60 MHz
48 MHz
24/48 MHz
14.31818 MHz
–10%
L
H
H/L
H/L
H
H
L
119 MHz
30 MHz
30/60 MHz
48 MHz
24/48 MHz
14.31818 MHz
–10%
L
H
H/L
H/L
H
L
H
180 MHz
36.3 MHz
36.3/72.6 MHz
48 MHz
24/48 MHz
14.31818 MHz
–10%
L
H
H/L
H/L
H
L
L
180 MHz
30 MHz
30/60 MHz
48 MHz
24/48 MHz
14.31818 MHz
–10%
L
H
H/L
H/L
L
H
H
111 MHz
36.9 MHz
36.9/73.9 MHz
48 MHz
24/48 MHz
14.31818 MHz
10%
L
H
H/L
H/L
L
H
L
148 MHz
36.9 MHz
36.9/73.9 MHz
48 MHz
24/48 MHz
14.31818 MHz
10%
L
H
H/L
H/L
L
L
H
222 MHz
44.4 MHz
44.4/88.8 MHz
48 MHz
24/48 MHz
14.31818 MHz
10%
L
H
H/L
H/L
L
L
L
222 MHz
36.9 MHz
36.9/73.9 MHz
48 MHz
24/48 MHz
14.31818 MHz
10%
H
X
H/L
H/L
X
X
X
Not-yet-defined settings
† If the REF, USB, and FDC outputs are disabled in by pass mode, the Xin-input can be driven with an external clock signal from 0 MHz to 200 MHz.
Otherwise the maximum input frequency is limited to 16 MHz.
‡ 24/48_SEL and PCI/LDT_SEL inputs operate independently from each other and the frequency of the corresponding bus, as shown in detail
for the 200-MHz configuration.


Similar Part No. - CDC960DLR

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
CDC90 EH-CDC90 Datasheet
1Mb / 32P
   The smart system for automated measuring points
2022-03-04
logo
Texas Instruments
CDC906 TI-CDC906 Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PW TI-CDC906PW Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PWG4 TI-CDC906PWG4 Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PWR TI-CDC906PWR Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results

Similar Description - CDC960DLR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Silicon Laboratories
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-03 SPECTRALINEAR-W320-03 Datasheet
251Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
W320-03 SILABS-W320-03 Datasheet
201Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03 Datasheet
272Kb / 19P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04H CYPRESS-W320-04H Datasheet
264Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04 CYPRESS-W320-04 Datasheet
261Kb / 17P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-04 SPECTRALINEAR-W320-04 Datasheet
197Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2210 SPECTRALINEAR-CY2210 Datasheet
187Kb / 10P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
logo
Cypress Semiconductor
CY2210 CYPRESS-CY2210 Datasheet
129Kb / 10P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com