Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6550CMS Datasheet(PDF) 6 Page - Linear Technology

Part # LT6550CMS
Description  3.3V Triple and Quad Video Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6550CMS Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6550CMS Datasheet HTML 2Page - Linear Technology LT6550CMS Datasheet HTML 3Page - Linear Technology LT6550CMS Datasheet HTML 4Page - Linear Technology LT6550CMS Datasheet HTML 5Page - Linear Technology LT6550CMS Datasheet HTML 6Page - Linear Technology LT6550CMS Datasheet HTML 7Page - Linear Technology LT6550CMS Datasheet HTML 8Page - Linear Technology LT6550CMS Datasheet HTML 9Page - Linear Technology LT6550CMS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT6550/LT6551
6
65501f
FREQUENCY (Hz)
10
9
8
7
6
5
4
3
2
1
0
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
10k
100k
6550/51 GO9
1M
100M 500M
10M
VS = 3.3V, 0V
VOUT = 1.5V DC
RL = 150Ω
PHASE
GAIN
INPUT VOLTAGE (V)
0
0
–5
–10
–15
–20
–25
0.6
1.0
1.6
6550/51 G04
0.2
0.4
0.8
1.2
1.4
INPUT VOLTAGE (V)
0
0
–5
–10
–15
–20
–25
–30
0.5
1.0
1.5
2.0
6550/51 G05
2.5
SOURCING LOAD CURRENT (mA)
0.01
0.01
0.1
1
1100
6550/51 G06
0.1
10
SINKING LOAD CURRENT (mA)
0.01
0.01
0.1
1
1
100
6550/51 G07
0.10
10
TEMPERATURE (
°C)
–50
–25
100
75
90
85
80
75
70
65
60
55
50
45
6550/51 G08
0
25
50
125
VS = 5V, 0V
VS = 5V, 0V
VS = 3.3V, 0V
VS = 3.3V, 0V
VIN = 1V
TA = 125°C
TA = –55°C
VS = 5V, 0V
VIN = –0.1V
TA = 25°C
TA = 125°C
TA = –55°C
VS = 5V, 0V
VIN = 2.6V
TA = 25°C
TA = 125°C
TA = –55°C
TA = 25°C
TA = 125°C
TA = –55°C
TA = 25°C
VCC (V)
3
9
260
240
220
200
180
160
140
120
100
80
6550/51 G12
412
5
678
10
11
TEMPERATURE (
°C)
–50
–25
100
75
140
120
100
80
60
40
20
0
6550/51 G11
0
25
50
125
5V, 0V, –3dB
5V, 0V, –0.25dB
3.3V, 0V, –3dB
3.3V, 0V, –0.25dB
FREQUENCY (Hz)
6.2
6.1
6.0
5.9
5.8
5.7
10k
1M
10M
100M
6550/51 G10
100k
VS = 3.3V, 0V
VOUT = 1.5V DC
RL = 150Ω
VOUT = 1.5V DC
GND = 0V
RL = 150Ω
VOUT = 1.5V DC
RL = 150Ω
Input Bias Current vs Input
Voltage
Input Bias Current vs Input
Voltage
Output Saturation Voltage vs
Load Current (Output High)
Output Saturation Voltage vs
Load Current (Output Low)
Output Short-Circuit Current
vs Temperature
Gain and Phase vs Frequency
Gain Flatness vs Frequency
–3dB, –0.25dB Bandwidth vs
Temperature
–3dB Bandwidth vs VCC
5V/3.3V TYPICAL PERFOR A CE CHARACTERISTICS
VEE (Pin 5) = 0V (LT6550), GND (Pin 5) = 0V (LT6551)


Similar Part No. - LT6550CMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6550 LINER-LT6550 Datasheet
356Kb / 16P
   650MHz Gain of 2 Triple 2 1Video Multiplexer
LT6550 LINER-LT6550 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
More results

Similar Description - LT6550CMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
logo
Cadeka Microcircuits LL...
CLC2600 CADEKA-CLC2600 Datasheet
2Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
logo
Fairchild Semiconductor
FHP3350_0612 FAIRCHILD-FHP3350_0612 Datasheet
1Mb / 19P
   Triple and Quad Voltage Feedback Amplifiers
logo
Exar Corporation
CLC2601 EXAR-CLC2601 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 550MHz Amplifiers
logo
Cadeka Microcircuits LL...
CLC2601 CADEKA-CLC2601 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 550MHz Amplifiers
logo
Fairchild Semiconductor
FHP3350 FAIRCHILD-FHP3350 Datasheet
754Kb / 19P
   Triple and Quad Voltage Feedback Amplifiers
logo
Exar Corporation
CLC2600 EXAR-CLC2600 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com