Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3150CGN Datasheet(PDF) 8 Page - Linear Technology

Part # LT3150CGN
Description  Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3150CGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3150CGN Datasheet HTML 4Page - Linear Technology LT3150CGN Datasheet HTML 5Page - Linear Technology LT3150CGN Datasheet HTML 6Page - Linear Technology LT3150CGN Datasheet HTML 7Page - Linear Technology LT3150CGN Datasheet HTML 8Page - Linear Technology LT3150CGN Datasheet HTML 9Page - Linear Technology LT3150CGN Datasheet HTML 10Page - Linear Technology LT3150CGN Datasheet HTML 11Page - Linear Technology LT3150CGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT3150
3150f
BLOCK DIAGRA S
SW2
NORMALLY
CLOSED
I2
5
µA
+
ERROR AMP
COMP
3150 BD02
+
COMP1
Q9
SHDN2
VIN2
GND
FB2
R10
5k
SW1
NORMALLY
OPEN
100mV
HYSTERESIS
I1
15
µA
I3
100
µA
+
ILIM2 AMP
VTH1
50mV
VTH2
1V
D1
IPOS
INEG
GATE
D2
+
COMP2
COMP3
OR2
START-UP
VREF
1.21V
R9
50k
OR1
Q7
Q6
Q5
Q4
Q8
4
5
6
8
R8
(EXTERNAL)
R7
(EXTERNAL)
VOUT
FB2
9
11
12
13
+
FF
RQ
S
0.15
SW
DRIVER
COMPARATOR
2
SHUTDOWN
SHDN1
14
1
+
Σ
RAMP
GENERATOR
RC
100k
CC
40pF
1.4MHz
OSCILLATOR
SWGND
3150 BD1
R6
40k
R4
140k
R3
30k
Q2
x10
Q1
Q3
R2
(EXTERNAL)
R1
(EXTERNAL)
R5
40k
VIN2
VIN1
VIN1 3
FB1
FB1 16
GND
15
A2
A1
ILIM1
gm = 77µmhos
Boost Switching Regulator
Linear Regulator Controller


Similar Part No. - LT3150CGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3150 LINER-LT3150 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Dimensions Semic...
LT3150 LINEAR_DIMENSIONS-LT3150 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Technology
LT3150 LINER-LT3150_15 Datasheet
264Kb / 20P
   Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
More results

Similar Description - LT3150CGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3150 LINER-LT3150_15 Datasheet
264Kb / 20P
   Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
logo
ON Semiconductor
NCP59152 ONSEMI-NCP59152 Datasheet
168Kb / 11P
   Very Low-Dropout Fast Transient Response Regulator
May, 2014 ??Rev. 27
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Monolithic Power System...
MP2040 MPS-MP2040 Datasheet
383Kb / 12P
   Fast Transient Response, 3A Dual Supply Very Low Dropout Linear Regulator
logo
Texas Instruments
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38511-ADJ NSC-LP38511-ADJ Datasheet
403Kb / 14P
   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38512-ADJ NSC-LP38512-ADJ Datasheet
388Kb / 14P
   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38511-ADJ TI1-LP38511-ADJ_16 Datasheet
1Mb / 23P
[Old version datasheet]   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38513-ADJ TI1-LP38513-ADJ Datasheet
1Mb / 18P
[Old version datasheet]   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com