Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T3675L10BBI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72T3675L10BBI
Description  2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T3675L10BBI Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72T3675L10BBI Datasheet HTML 1Page - Integrated Device Technology IDT72T3675L10BBI Datasheet HTML 2Page - Integrated Device Technology IDT72T3675L10BBI Datasheet HTML 3Page - Integrated Device Technology IDT72T3675L10BBI Datasheet HTML 4Page - Integrated Device Technology IDT72T3675L10BBI Datasheet HTML 5Page - Integrated Device Technology IDT72T3675L10BBI Datasheet HTML 6Page - Integrated Device Technology IDT72T3675L10BBI Datasheet HTML 7Page - Integrated Device Technology IDT72T3675L10BBI Datasheet HTML 8Page - Integrated Device Technology IDT72T3675L10BBI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
3
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T3645/55/65/75/85/95/105/115/125 2.5V TeraSync
 36-BIT FIFO
1K x 36, 2K x 36, 4K x 36, 8K x 36, 16K x 36, 32K x 36, 64K x 36, 128K x 36 and 256K x 36
IDT72T36105/72T36115/72T36125 Only
PBGA: 1mm pitch, 19mm x 19mm (BB240-1, order code: BB)
TOP VIEW
PIN CONFIGURATION (CONTINUED)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
D21
D19
D20
D13
GND
TDO
GND
D4
TMS
GND
D5
D10
D23
D22
D1
Q24
Q14
GND
Q0
Q2
Q11
Q8
Q3
GND
GND
GND
GND
GND
GND
GND
GND
GND
VCC
VCC
VCC
VCC
VCC
VCC
VCC
D24
VCC
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
VCC
REN
GND
PAF
EREN
VDDQ
OE
RCLK
VCC
VCC
VCC
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
12
34
56
7
8
9
10
11
12
13
14
15
16
A1 BALL PAD CORNER
MRS
VCC
VCC
D35
D32
D29
D26
FF
EF
VCC
VCC
VCC
D33
D30
D27
VCC
VCC
VCC
VCC
SEN
VCC
VCC
VCC
D34
D31
D28
D25
Q27
VDDQ
VDDQ
VDDQ
VDDQ
Q33
Q30
RCS
VDDQ
VDDQ
VCC
VCC
VCC
SCLK
VCC
VCC
VCC
VCC
WCS
VCC
VCC
VCC
PAE
LD
HF
GND
VDDQ
MARK
VDDQ
RT
SHSTL
FWFT/SI
FS0
OW
IP
FS1
BE
GND
PFM
BM
ASYR
RHSTL
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
WHSTL
ASYW
VREF
IW
GND
GND
GND
GND
VCC
VDDQ
VDDQ
VCC
WEN
GND
WCLK
PRS
VCC
5907 drw02A
U
V
D18
VCC
D16
D15
TDI
TCK
TRST
D6
D0
D2
D9
D12
D14
D17
D3
Q15
Q16
GND
ERCLK
Q4
Q13
Q10
Q7
Q5
D11
D8
D7
GND
Q6
Q1
Q9
Q12
17
18
Q22
Q20
Q21
Q23
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
Q25
VDDQ
VDDQ
VDDQ
Q34
Q31
Q28
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
Q35
Q32
Q29
Q26
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
Q19
VDDQ
Q17
Q18


Similar Part No. - IDT72T3675L10BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T3675 IDT-IDT72T3675 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T3675 RENESAS-IDT72T3675 Datasheet
564Kb / 58P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
More results

Similar Description - IDT72T3675L10BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
IDT72T3645 RENESAS-IDT72T3645 Datasheet
564Kb / 58P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
logo
Integrated Device Techn...
72T72115L5BBGI IDT-72T72115L5BBGI Datasheet
471Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285 Datasheet
542Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
72T7285 IDT-72T7285 Datasheet
358Kb / 54P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T7285 RENESAS-IDT72T7285 Datasheet
560Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
JUNE 2017
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com