Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF6197CCJ Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF6197CCJ
Description  160 ns Monolithic Sample-and-Hold Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF6197CCJ Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LF6197CCJ Datasheet HTML 4Page - National Semiconductor (TI) LF6197CCJ Datasheet HTML 5Page - National Semiconductor (TI) LF6197CCJ Datasheet HTML 6Page - National Semiconductor (TI) LF6197CCJ Datasheet HTML 7Page - National Semiconductor (TI) LF6197CCJ Datasheet HTML 8Page - National Semiconductor (TI) LF6197CCJ Datasheet HTML 9Page - National Semiconductor (TI) LF6197CCJ Datasheet HTML 10Page - National Semiconductor (TI) LF6197CCJ Datasheet HTML 11Page - National Semiconductor (TI) LF6197CCJ Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Application Hints
10 LOGIC CONFIGURATIONS
The LF6197 can be configured to interface with TTL
CMOS or ECL logic The device is configured for the de-
sired logic using the two Logic Reference pins (LR1 and
LR2)
11 TTL Logic
To configure the device to operate with TTL logic the LR1
pin should be left open and the LR2 pin should be grounded
(Figure 4) This will set the threshold of the logic comparator
at 14V
12 CMOS Logic
To configure the device to operate with CMOS logic (with a
25V threshold at the comparator) several options are avail-
able The LR1 and LR2 pins can be tied together and con-
nected to a 25V reference
(Figure 5) or LR2 can be set to
11V with a resistor diode network and LR1 can be by-
passed to ground with a 001 mF capacitor
(Figure 6)
13 ECL Logic
To operate with ECL logic (threshold at b13V) set LR2 at
b
27V with a voltage divider from the negative supply and
bypass LR1 with a 001 mF capacitor
(Figure 7)
20 ZENER REFERENCE OUTPUT
The LF6197 includes an internal zener diode to bias various
sections of the chip The zener diode output is brought out
at pin 14 the voltage at this pin is typically 625V when the
device is powered from g15V supplies For optimum device
performance pin 14 must be bypassed to ground with a
001 mF capacitor If the device is powered from g5V sup-
plies then pin 14 must be biased at 25V from a low imped-
ance source
(Figure 3)
TLH11381 – 6
FIGURE 3 Biasing Pin 14 to 25V
for Operation from g5V Supplies
30 ADJUSTING GAIN
The LF6197 allows the user to amplify as well as to sample-
and-hold an input signal This feature eliminates the need
for an amplifier preceding the SH amplifier in many appli-
cations Familiar op-amp feedback topologies are employed
to configure the LF6197 for non-inverting
(Figure 8) or in-
verting
(Figure 9) gains Note that a feedback resistor of
value 1 kX or larger must be used for all gain settings in-
cluding non-inverting unity gain The feedback resistor is re-
quired to limit the current through LF6197’s internal clamp
diodes when the device is in the hold mode
40 POWER SUPPLY SEQUENCING
When power supply to the LF6197 is turned on the nega-
tive supply must come on before the positive supply Mean-
while when the power supply is turned off the positive sup-
ply must turn off before the negative supply Improper power
supply sequencing may destroy the device To protect the
device against improper power supply sequencing anti-re-
versal diodes may be used across the supply pins
(Figure 10)
TLH11381 – 7
Threshold e 14V
FIGURE 4 TTL Logic
TLH11381 – 8
Threshold e 25V
FIGURE 5 CMOS Logic
9


Similar Part No. - LF6197CCJ

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LF6 GOOD-ARK-LF6 Datasheet
180Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
logo
Tyco Electronics
LF600 MACOM-LF600 Datasheet
102Kb / 2P
   NEMA Cabinet Legs
logo
STMicroelectronics
LF60AB STMICROELECTRONICS-LF60AB Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF60AB STMICROELECTRONICS-LF60AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF60AB STMICROELECTRONICS-LF60AB Datasheet
1Mb / 49P
   Very low drop voltage regulators with inhibit
More results

Similar Description - LF6197CCJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD781JNZ AD-AD781JNZ Datasheet
675Kb / 8P
   Complete 700 ns Sample-and-hold amplifier
REV. A
AD781 AD-AD781_15 Datasheet
675Kb / 8P
   Complete 700 ns Sample and Hold Amplifier
REV. A
AD781 AD-AD781 Datasheet
153Kb / 8P
   Complete 700 ns Sample-and-Hold Amplifier
REV. A
logo
Burr-Brown (TI)
SHC298 BURR-BROWN-SHC298 Datasheet
100Kb / 8P
   Monolithic SAMPLE/HOLD AMPLIFIER
logo
Texas Instruments
SHC298 TI1-SHC298 Datasheet
85Kb / 9P
[Old version datasheet]   Monolithic SAMPLE/HOLD AMPLIFIER
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
   Sample-and-hold amplifier
August 31, 1994
logo
Texas Instruments
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com