Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7M163635B-QCI65 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K7M163635B-QCI65
Description  512Kx36 & 1Mx18 Pipelined NtRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7M163635B-QCI65 Datasheet(HTML) 4 Page - Samsung semiconductor

  K7M163635B-QCI65 Datasheet HTML 1Page - Samsung semiconductor K7M163635B-QCI65 Datasheet HTML 2Page - Samsung semiconductor K7M163635B-QCI65 Datasheet HTML 3Page - Samsung semiconductor K7M163635B-QCI65 Datasheet HTML 4Page - Samsung semiconductor K7M163635B-QCI65 Datasheet HTML 5Page - Samsung semiconductor K7M163635B-QCI65 Datasheet HTML 6Page - Samsung semiconductor K7M163635B-QCI65 Datasheet HTML 7Page - Samsung semiconductor K7M163635B-QCI65 Datasheet HTML 8Page - Samsung semiconductor K7M163635B-QCI65 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
512Kx36 & 1Mx18 Pipelined NtRAMTM
- 4 -
Rev 0.4
Jan. 2005
K7N161831B
K7N163631B
Preliminary
PIN CONFIGURATION(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
100 Pin TQFP
(20mm x 14mm)
NC/DQPc
DQc0
DQc1
VDDQ
VSSQ
DQc2
DQc3
DQc4
DQc5
VSSQ
VDDQ
DQc6
DQc7
VDD
VDD
VDD
VSS
DQd0
DQd1
VDDQ
VSSQ
DQd2
DQd3
DQd4
DQd5
VSSQ
VDDQ
DQd6
DQd7
NC/DQPd
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
DQPb/NC
DQb7
DQb6
VDDQ
VSSQ
DQb5
DQb4
DQb3
DQb2
VSSQ
VDDQ
DQb1
DQb0
VSS
VDD
VDD
ZZ
DQa7
DQa6
VDDQ
VSSQ
DQa5
DQa4
DQa3
DQa2
VSSQ
VDDQ
DQa1
DQa0
DQPa/NC
PIN NAME
Note : 1. A0 and A1 are the two least significant bits(LSB) of the address field and set the internal burst counter if burst is desired.
SYMBOL
PIN NAME
TQFP PIN NO.
SYMBOL
PIN NAME
TQFP PIN NO.
A0 - A18
ADV
WE
CLK
CKE
CS1
CS2
CS2
BWx(x=a,b,c,d)
OE
ZZ
LBO
Address Inputs
Address Advance/Load
Read/Write Control Input
Clock
Clock Enable
Chip Select
Chip Select
Chip Select
Byte Write Inputs
Output Enable
Power Sleep Mode
Burst Mode Control
32,33,34,35,36,37,44
45,46,47,48,49,50,81
82,83,84,99,100
85
88
89
87
98
97
92
93,94,95,96
86
64
31
VDD
VSS
N.C.
DQa0~a7
DQb0~b7
DQc0~c7
DQd0~d7
DQPa~Pd
or NC
VDDQ
VSSQ
Power Supply(+3.3V)
Ground
No Connect
Data Inputs/Outputs
Data Inputs/Outputs
Data Inputs/Outputs
Data Inputs/Outputs
Data Inputs/Outputs
Output Power Supply
(3.3V or 2.5V)
Output Ground
14,15,16,41,65,66,91
17,40,67,90
38,39,42,43
52,53,56,57,58,59,62,63
68,69,72,73,74,75,78,79
2,3,6,7,8,9,12,13
18,19,22,23,24,25,28,29
51,80,1,30
4,11,20,27,54,61,70,77
5,10,21,26,55,60,71,76
K7N163631B(512Kx36)


Similar Part No. - K7M163635B-QCI65

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7M163635B-QI65 SAMSUNG-K7M163635B-QI65 Datasheet
394Kb / 19P
   512Kx36 & 1Mx18 Flow-Through NtRAM
More results

Similar Description - K7M163635B-QCI65

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N163631B SAMSUNG-K7N163631B_06 Datasheet
565Kb / 25P
   512Kx36 & 1Mx18 Pipelined NtRAM
DS_K7N163601A SAMSUNG-DS_K7N163601A Datasheet
279Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7N163601M SAMSUNG-K7N163601M Datasheet
323Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAM TM
K7M163635B SAMSUNG-K7M163635B Datasheet
394Kb / 19P
   512Kx36 & 1Mx18 Flow-Through NtRAM
K7M163625A SAMSUNG-K7M163625A Datasheet
211Kb / 18P
   512Kx36 & 1Mx18-Bit Flow Through NtRAM
K7N163645M SAMSUNG-K7N163645M Datasheet
468Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAMTM
K7M163625M SAMSUNG-K7M163625M Datasheet
354Kb / 20P
   512Kx36 & 1Mx18 Flow-Through NtRAM-TM
K7P163666A SAMSUNG-K7P163666A Datasheet
321Kb / 14P
   512Kx36 AND 1Mx18 Synchronous Pipelined SRAM
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
K7B163625A SAMSUNG-K7B163625A Datasheet
263Kb / 19P
   512Kx36 & 1Mx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com