Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA2811C Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KA2811C
Description  12V Spindle Motor and Voice Coil Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2811C Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA2811C Datasheet HTML 1Page - Fairchild Semiconductor KA2811C Datasheet HTML 2Page - Fairchild Semiconductor KA2811C Datasheet HTML 3Page - Fairchild Semiconductor KA2811C Datasheet HTML 4Page - Fairchild Semiconductor KA2811C Datasheet HTML 5Page - Fairchild Semiconductor KA2811C Datasheet HTML 6Page - Fairchild Semiconductor KA2811C Datasheet HTML 7Page - Fairchild Semiconductor KA2811C Datasheet HTML 8Page - Fairchild Semiconductor KA2811C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
KA2811C
3
Pin Definitions
Pin Number
Pin Name
I/O
Pine Function Descrition
1
BRAKE
O
Brake output
2
CPUMP
-
Charge pump capacitor
3VCC3(VDD)
-
5V power supply
4
COSC
-
Start-up OSC capacitor
5
PC
-
Phase compensation capacitor
6
GND
-
Ground
7VCC1
-
12V power supply
8
MTRON
I
Motor on & off control input
9
CE
I
Chip enable (Active low)
10
CLREF
I
Current limit reference voltage
11
RSET
I
Current & voltage setting resistor
12
N
I
Neutral
13
WFLT
I
Input filter of W-phase signal
14
VFLT
I
Input filter of V-phase signal
15
UFLT
I
Input filter of U-phase signal
16
EFLT
I
Back EMF output filter
17
W
O
W-phase output
18
CS
I
Current sensing resistor
19
V
O
V-phase output
20
U
O
U-phase output
21
RETSET
I
Retract voltage setting resistor
22
SENSE12
I
VCC(12V) power supply sense
23
SEMSE5
I
VCC(5V) power supply sense
24
RPMSEL
I
RPM selection
25
RETRACT
I
Retract circuit control input
26
READY
O
Targer RPM locking output signal
27
PFAIL
O
Power fail output
28
CRET
I
Retract power charging capacitor
29
GND
-
Ground
30
VCC1
-
12V power supply
31
GAINSEL
I
VCM gain setting (High, Low)
32
RSENSE
I
Current sensing resistor


Similar Part No. - KA2811C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KA2803 ONSEMI-KA2803 Datasheet
833Kb / 13P
   Earth Leakage Detector
August, 2020 ??Rev. 7
logo
Fairchild Semiconductor
KA2803B FAIRCHILD-KA2803B Datasheet
147Kb / 12P
   Earth Leakage Detector
logo
ON Semiconductor
KA2803B ONSEMI-KA2803B Datasheet
1Mb / 13P
   Earth Leakage Detector
January 2014 Rev. 1.0.8
KA2803B ONSEMI-KA2803B Datasheet
833Kb / 13P
   Earth Leakage Detector
August, 2020 ??Rev. 7
logo
Fairchild Semiconductor
KA2803BD FAIRCHILD-KA2803BD Datasheet
147Kb / 12P
   Earth Leakage Detector
More results

Similar Description - KA2811C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
   12V Spindle Motor and Voice Coil Motor Driver
FAN8621B FAIRCHILD-FAN8621B Datasheet
228Kb / 21P
   12V Spindle Motor and Voice Coil Motor Driver IC
logo
Texas Instruments
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
[Old version datasheet]   VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
STMicroelectronics
L6246 STMICROELECTRONICS-L6246 Datasheet
103Kb / 12P
   12V VOICE COIL MOTOR DRIVER
February 1998
logo
Fairchild Semiconductor
KA3120 FAIRCHILD-KA3120 Datasheet
782Kb / 43P
   SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
logo
NXP Semiconductors
TDA5147K PHILIPS-TDA5147K Datasheet
154Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1996 Jul 26
TDA5149G PHILIPS-TDA5149G Datasheet
148Kb / 28P
   12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
1996 May 06
logo
Panasonic Semiconductor
AN8420FBP PANASONIC-AN8420FBP Datasheet
1Mb / 27P
   Spindle/Voice Coil Motor Drive IC
logo
NXP Semiconductors
TDA5147CH PHILIPS-TDA5147CH Datasheet
196Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1997 Jul 09
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
   VOICE COIL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com