Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61NP25618-150B Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61NP25618-150B
Description  PIPELINE NO WAIT STATE BUS SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NP25618-150B Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61NP25618-150B Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61NP25618-150B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61NP25618-150B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61NP25618-150B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61NP25618-150B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NP25618-150B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NP25618-150B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NP25618-150B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NP25618-150B Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
PRELIMINARY INFORMATION
Rev. 00C
11/30/00
IS61NP12832
IS61NP12836
IS61NP25618
IS61NLP12832
IS61NLP12836
IS61NLP25618
ISSI®
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VCCQ
NC
NC
DQ9
NC
VCCQ
NC
DQ12
VCCQ
NC
DQ14
VCCQ
DQ16
NC
NC
NC
VCCQ
A6
CE2
A7
NC
DQ10
NC
DQ11
NC
VCC
DQ13
NC
DQ15
NC
DQP2
A5
A10
NC
A4
A3
A2
GND
GND
GND
BWb
GND
NC
GND
NC
GND
GND
GND
MODE
A11
NC
NC
ADV
VCC
NC
CE
OE
A17
WE
VCC
CLK
NC
CKE
A1
A0
VCC
NC
NC
A8
A9
A12
GND
GND
GND
NC
GND
NC
GND
BWa
GND
GND
GND
VCC
A14
NC
A16
CE2
A15
DQP1
NC
DQ7
NC
DQ5
VCC
NC
DQ3
NC
DQ2
NC
A13
NC
NC
VCCQ
NC
NC
NC
DQ8
VCCQ
DQ6
NC
VCCQ
DQ4
NC
VCCQ
NC
DQ1
NC
ZZ
VCCQ
1
2
3
4
5
6
7
PIN CONFIGURATION
119-pin PBGA (Top View) and 100-Pin TQFP
PIN DESCRIPTIONS
A0, A1
Synchronous Address Inputs. These
pins must tied to the two LSBs of the
address bus.
A2-A17
Synchronous Address Inputs
CLK
Synchronous Clock
ADV
Synchronous Burst Address Advance
BWa-BWb
Synchronous Byte Write Enable
WE
Write Enable
CKE
Clock Enable
CE, CE2, CE2 Synchronous Chip Enable
OE
Output Enable
DQ1-DQ16
Synchronous Data Input/Output
MODE
Burst Sequence Mode Selection
VCC
+3.3V Power Supply
GND
Ground
VCCQ
Isolated Output Buffer Supply: +3.3V/2.5V
ZZ
Snooze Enable
DQP1-DQP2
Parity Data I/O DQP1 is parity for
DQ1-8; DQP2 is parity for DQ9-16
256K x 18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
NC
NC
NC
VCCQ
GND
NC
NC
DQ9
DQ10
GND
VCCQ
DQ11
DQ12
VCC
VCC
VCC
GND
DQ13
DQ14
VCCQ
GND
DQ15
DQ16
DQP2
NC
GND
VCCQ
NC
NC
NC
A10
NC
NC
VCCQ
GND
NC
DQP1
DQ8
DQ7
GND
VCCQ
DQ6
DQ5
GND
VCC
VCC
ZZ
DQ4
DQ3
VCCQ
GND
DQ2
DQ1
NC
NC
GND
VCCQ
NC
NC
NC


Similar Part No. - IS61NP25618-150B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NP25632-133B ISSI-IS61NP25632-133B Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NP25632-133BI ISSI-IS61NP25632-133BI Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NP25632-133TQ ISSI-IS61NP25632-133TQ Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NP25632-133TQI ISSI-IS61NP25632-133TQI Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
More results

Similar Description - IS61NP25618-150B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP25672 ISSI-IS61NLP25672 Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
   256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
logo
Integrated Circuit Solu...
IS61NW6432 ICSI-IS61NW6432 Datasheet
877Kb / 14P
   64K x 32 SYNCHRONOUS STATIC RAM WITH NO-WAIT STATE BUS FEATURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com