Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4C89083AF-ACF6 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K4C89083AF-ACF6
Description  288Mb x18 Network-DRAM2 Specification
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4C89083AF-ACF6 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K4C89083AF-ACF6 Datasheet HTML 3Page - Samsung semiconductor K4C89083AF-ACF6 Datasheet HTML 4Page - Samsung semiconductor K4C89083AF-ACF6 Datasheet HTML 5Page - Samsung semiconductor K4C89083AF-ACF6 Datasheet HTML 6Page - Samsung semiconductor K4C89083AF-ACF6 Datasheet HTML 7Page - Samsung semiconductor K4C89083AF-ACF6 Datasheet HTML 8Page - Samsung semiconductor K4C89083AF-ACF6 Datasheet HTML 9Page - Samsung semiconductor K4C89083AF-ACF6 Datasheet HTML 10Page - Samsung semiconductor K4C89083AF-ACF6 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
K4C89183AF
- 7 -
REV. 0.7 Jan. 2005
Absolute Maximum Ratings
Caution : Conditions outside the limits listed under "ABSOLUTE MAXIMUM RATINGS" may cause permanent damage to the device.
The device is not meant to be operated under conditions outside the limits described in the operational section of this specifi-
cation. Exposure to "ABSOLUTE MAXIMUM RATINGS" conditions for extended periods may affect device reliability.
Recommended DC,AC Operating Conditions (Notes : 1) (Tcase = 0 ~ 85 OC)
Symbol
Parameter
Rating
Units
Notes
VDD
Power Supply Voltage
-0.3 ~ 3.3
V
VDDQ
Power Supply Voltage (for I/O buffer)
-0.3 ~ VDD + 0.3
V
VIN
Input Voltage
-0.3 ~ VDD + 0.3
V
VOUT
DQ pin Voltage
-0.3 ~ VDDQ + 0.3
V
VREF
Input Reference Voltage
-0.3 ~ VDDQ + 0.3
V
TOPR
Operating Temperature
0 ~ 85
OC
Case Temp.
TSTG
Storage Temperature
-55 ~ 150
OC
TSOLDER
Soldering Temperature(10s)
260
OC
PD
Power Dissipation
2
W
IOUT
Short Circuit Output Current
± 50
mA
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply Voltage
2.375
2.5
2.625
V
VDDQ
Power Supply Voltage (for I/O Buffer)
1.7
1.8
1.9
V
VREF
Input Reference Voltage
VDDQ/2x95%
VDDQ/2
VDDQ/2x105%
V
2
VIH (DC)
Input DC high Voltage
VREF+0.125
-
VDDQ+0.2
V
5
VIL(DC)
Input DC Low Voltage
-0.1
-
VREF-0.125
V
5
VICK (DC)
Differential Clock DC Input Voltage
-0.1
-
VDDQ+0.1
V
10
VID (DC)
Input Differential Voltage. CLK and CLK Inputs (DC)
0.4
-
VDDQ+0.2
V
7,10
VIH (AC)
Input AC High Voltage
VREF+0.2
-
VDDQ+0.2
V
3,6
VIL (AC)
Input AC Low Voltage
-0.1
-
VREF-0.2
V
4,6
VID (AC)
Input Differential Voltage. CLK and CLK Inputs (AC)
0.55
-
VDDQ+0.2
V
7,10
VX (AC)
Differential AC Input Cross Point Voltage
VDDQ/2-0.125
-
VDDQ/2+0.125
V
8,10
VISO (AC)
Differential Clock AC Middle Level
VDDQ/2-0.125
-
VDDQ/2+0.125
V
9,10


Similar Part No. - K4C89083AF-ACF6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4C89323AF-GCF5 SAMSUNG-K4C89323AF-GCF5 Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
K4C89323AF-GCF6 SAMSUNG-K4C89323AF-GCF6 Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
K4C89323AF-GCFB SAMSUNG-K4C89323AF-GCFB Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
K4C89323AF-TCF5 SAMSUNG-K4C89323AF-TCF5 Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
K4C89323AF-TCF6 SAMSUNG-K4C89323AF-TCF6 Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
More results

Similar Description - K4C89083AF-ACF6

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS49NLS93200 ISSI-IS49NLS93200 Datasheet
596Kb / 34P
   288Mb (x9, x18) Separate I/O RLDRAM 2 Memory
IS49NLC93200 ISSI-IS49NLC93200 Datasheet
622Kb / 34P
   288Mb (x9, x18, x36) Common I/O RLDRAM 2 Memory
logo
Micron Technology
MT49H32M9 MICRON-MT49H32M9 Datasheet
2Mb / 76P
   288Mb: x9, x18, x36 2.5V VEXT, 1.8V VDD, HSTL, CIO, RLDRAM II
logo
GSI Technology
GS82582D38GE-400 GSI-GS82582D38GE-400 Datasheet
453Kb / 27P
   288Mb SigmaQuad-II 288Mb SigmaQuad-II
logo
Micron Technology
MT44K32M18 MICRON-MT44K32M18 Datasheet
6Mb / 111P
   576Mb: x18, x36 RLDRAM 3
MT49H8M36 MICRON-MT49H8M36 Datasheet
1Mb / 49P
   288Mb CIO Reduced Latency
logo
Seiko Instruments Inc
S-7600A SII-S-7600A Datasheet
371Kb / 60P
   Hardware Specification (TCP/IP Network Stack LSI)
logo
Integrated Device Techn...
IDT70P3307 IDT-IDT70P3307 Datasheet
882Kb / 20P
   1024K/512K x18 SYNCHRONOUS DUAL QDR-II
logo
Cypress Semiconductor
CY7C1352 CYPRESS-CY7C1352 Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
logo
Bourns Electronic Solut...
2CTF BOURNS-2CTF Datasheet
126Kb / 3P
   Thin Film on Silicon 2CTF AC Terminator x18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com