Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61NP12836-5B Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61NP12836-5B
Description  PIPELINE NO WAIT STATE BUS SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NP12836-5B Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61NP12836-5B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61NP12836-5B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61NP12836-5B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61NP12836-5B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NP12836-5B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NP12836-5B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NP12836-5B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NP12836-5B Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NP12836-5B Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
PRELIMINARY INFORMATION
Rev. 00C
11/30/00
IS61NP12832
IS61NP12836
IS61NP25618
IS61NLP12832
IS61NLP12836
IS61NLP25618
ISSI®
SYNCHRONOUS TRUTH TABLE(1)
Address
Operation
Used
CS1
CS2
CS2
ADV
WE
BWx
OE
CKE
CLK
Not Selected Continue
N/A
X
X
X
H
X
X
X
L
Begin Burst Read
External Address
L
H
L
L
H
X
L
L
Continue Burst Read
Next Address
X
X
X
H
X
X
L
L
NOP/Dummy Read
External Address
L
H
L
L
H
X
H
L
Dummy Read
Next Address
X
X
X
H
X
X
H
L
Begin Burst Write
External Address
L
H
L
L
L
L
X
L
Continue Burst Write
Next Address
X
X
X
H
X
L
X
L
NOP/Write Abort
N/A
L
H
L
L
L
H
X
L
Write Abort
Next Address
X
X
X
H
X
H
X
L
Ignore Clock
Current Address
X
X
X
X
X
X
X
H
Notes:
1. "X" means don't care.
2. The rising edge of clock is symbolized by
3. A continue deselect cycle can only be entered if a deselect cycle is executed first.
4.
WE = L means Write operation in Write Truth Table.
WE = H means Read operation in Write Truth Table.
5. Operation finally depends on status of asynchronous pins (ZZ and
OE).
BURST
READ
DESELECT
BURST
WRITE
BEGIN
READ
BEGIN
WRITE
READ
WRITE
READ
WRITE
BURST
BURST
BURST
DS
DS
DS
READ
DS
DS
READ
WRITE
WRITE
BURST
BURST
WRITE
READ
STATE DIAGRAM


Similar Part No. - IS61NP12836-5B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NP25632-133B ISSI-IS61NP25632-133B Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NP25632-133BI ISSI-IS61NP25632-133BI Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NP25632-133TQ ISSI-IS61NP25632-133TQ Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NP25632-133TQI ISSI-IS61NP25632-133TQI Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
More results

Similar Description - IS61NP12836-5B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP25672 ISSI-IS61NLP25672 Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
   256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
logo
Integrated Circuit Solu...
IS61NW6432 ICSI-IS61NW6432 Datasheet
877Kb / 14P
   64K x 32 SYNCHRONOUS STATIC RAM WITH NO-WAIT STATE BUS FEATURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com