Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXBH20N140 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXBH20N140
Description  High Voltage BIMOSFET Monolithic Bipolar MOS Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBH20N140 Datasheet(HTML) 3 Page - IXYS Corporation

  IXBH20N140 Datasheet HTML 1Page - IXYS Corporation IXBH20N140 Datasheet HTML 2Page - IXYS Corporation IXBH20N140 Datasheet HTML 3Page - IXYS Corporation IXBH20N140 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2000 IXYS All rights reserved
3 - 4
IXBH 20N140
IXBH 20N160
V
CE - Volts
0
400
800
1200
1600
0
10
20
30
V
F - Volts
01
23
4
5
6
7
8
0
10
20
30
40
50
60
V
CE - Volts
02468
10
12
0
10
20
30
40
50
60
70
80
Q
G - nanocoulombs
0
10
20304050
6070
0
2
4
6
8
10
12
14
16
V
CE - Volts
02468
10
12
14
0
10
20
30
40
50
60
70
80
13V
T
J = 25°C
V
GE = 17V
T
J = 125°C
V
CE = 600V
I
C
= 13A
T
J = 125°C
V
CEK < VCES
15V
V
GE - Volts
4
5
6789
0
10
20
30
40
50
60
13V
V
GE = 17V
15V
V
CE = 20V
T
J = 125°C
T
J = 25°C
T
J = 125°C
T
J = 25°C
IXBH 20N140
IXBH 20N160
Fig. 1 Typ. Output Characteristics
Fig. 2 Typ. Output Characteristics
Fig. 3 Typ. Transfer Characteristics
Fig. 4 Typ. Characteristics of Reverse
Conduction
Fig. 5 Typ. Gate Charge characteristics
Fig. 6 Reverse Biased Safe Operating Area
RBSOA


Similar Part No. - IXBH20N140

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBH20N300 IXYS-IXBH20N300 Datasheet
180Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBH20N360HV IXYS-IXBH20N360HV Datasheet
286Kb / 6P
   High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
More results

Similar Description - IXBH20N140

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBH15N140 IXYS-IXBH15N140 Datasheet
63Kb / 4P
   High Voltage BIMOSFET Monolithic Bipolar MOS Transistor
IXBH9N140G IXYS-IXBH9N140G Datasheet
63Kb / 4P
   High Voltage BIMOSFET Monolithic Bipolar MOS Transistor
IXBT32N300HV IXYS-IXBT32N300HV Datasheet
309Kb / 6P
   High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBN75N170A IXYS-IXBN75N170A Datasheet
91Kb / 2P
   BIMOSFET Monolithic Bipolar MOS Transistor
IXBH42N170A IXYS-IXBH42N170A Datasheet
119Kb / 2P
   BIMOSFET Monolithic Bipolar MOS Transistor
IXBH10N170 IXYS-IXBH10N170 Datasheet
596Kb / 5P
   High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
MMIX4B22N300 IXYS-MMIX4B22N300 Datasheet
238Kb / 6P
   High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBF12N300 IXYS-IXBF12N300 Datasheet
207Kb / 5P
   High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBH16N170A IXYS-IXBH16N170A Datasheet
51Kb / 2P
   High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBT20N360HV IXYS-IXBT20N360HV Datasheet
286Kb / 6P
   High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com