Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2539 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2539
Description  Silicon NPN Transistor High Voltage, High Speed Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2539 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2539 Datasheet HTML 1Page - NTE Electronics NTE2539 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gain–Bandwidth Product
fT
VCE = 10V, IC = 3.2A
20
MHz
Output Capacitance
Cob
VCB = 10V, f = 1MHz
300
pF
Collector–Base Breakdown Voltage
V(BR)CBO IC = 1mA, IE = 0
500
V
Collector–Emitter Breakdown Voltage V(BR)CEO IC = 10mA, RBE = ∞
400
V
Emitter–Base Breakdown Voltage
V(BR)EBO IE = 1mA, IC = 0
7
V
Collector–Emitter Sustaining Voltage
VCEX(sus) IC = 10A, IB1 = 1A, IB2 = –4A,
L = 200
µH Clamped
400
V
Turn–On Time
ton
IC = 20A, IB1 = 4A, IB2 = –8A,
0.5
µs
Storage Time
tstg
RL = 10Ω, VCC = 200V
2.5
µs
Fall Time
tf
0.3
µs
.615 (15.62)
.190 (4.82)
.126
(3.22)
Dia
.215 (5.47)
BC
E
.787
(20.0)
.787
(20.0)
.591
(15.02)
C


Similar Part No. - NTE2539

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE253 NTE-NTE253 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE2530 NTE-NTE2530 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Voltage Driver
NTE2531 NTE-NTE2531 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Voltage Driver
NTE2532 NTE-NTE2532 Datasheet
35Kb / 4P
   Integrated Circuit NMOS, 32K EPROM, 300ns
NTE2532 NTE-NTE2532 Datasheet
165Kb / 1P
   MICROPROCESSOR & MEMORY CIRCUITS
More results

Similar Description - NTE2539

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE51 NTE-NTE51 Datasheet
24Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2586 NTE-NTE2586 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2312 NTE-NTE2312 Datasheet
23Kb / 3P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2318 NTE-NTE2318 Datasheet
23Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2348 NTE-NTE2348 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2327 NTE-NTE2327 Datasheet
20Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE52 NTE-NTE52 Datasheet
25Kb / 3P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2310 NTE-NTE2310 Datasheet
20Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2339 NTE-NTE2339 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2579 NTE-NTE2579 Datasheet
19Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2584 NTE-NTE2584 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com