Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T3685L10BB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72T3685L10BB
Description  2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T3685L10BB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72T3685L10BB Datasheet HTML 7Page - Integrated Device Technology IDT72T3685L10BB Datasheet HTML 8Page - Integrated Device Technology IDT72T3685L10BB Datasheet HTML 9Page - Integrated Device Technology IDT72T3685L10BB Datasheet HTML 10Page - Integrated Device Technology IDT72T3685L10BB Datasheet HTML 11Page - Integrated Device Technology IDT72T3685L10BB Datasheet HTML 12Page - Integrated Device Technology IDT72T3685L10BB Datasheet HTML 13Page - Integrated Device Technology IDT72T3685L10BB Datasheet HTML 14Page - Integrated Device Technology IDT72T3685L10BB Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
11
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T3645/55/65/75/85/95/105/115/125 2.5V TeraSync
 36-BIT FIFO
1K x 36, 2K x 36, 4K x 36, 8K x 36, 16K x 36, 32K x 36, 64K x 36, 128K x 36 and 256K x 36
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 2.5V ± 0.125V, TA = 0
°C to +70°C;Industrial: VCC = 2.5V ± 0.125V, TA = -40°C to +85°C)
Symbol
Parameter
Min.
Max.
Unit
ILI
InputLeakageCurrent
–10
10
µA
ILO
OutputLeakageCurrent
–10
10
µA
VOH(5)
Output Logic “1” Voltage,
IOH = –8 mA @VDDQ = 2.5V
± 0.125V (LVTTL)
VDDQ -0.4
V
IOH = –8 mA @VDDQ = 1.8V
± 0.1V (eHSTL)
VDDQ -0.4
V
IOH = –8 mA @VDDQ = 1.5V
± 0.1V (HSTL)
VDDQ -0.4
V
VOL
Output Logic “0” Voltage,
IOL = 8 mA
@VDDQ = 2.5V
± 0.125V (LVTTL)
0.4V
V
IOL = 8 mA
@VDDQ = 1.8V
± 0.1V (eHSTL)
0.4V
V
IOL = 8 mA
@VDDQ = 1.5V
± 0.1V (HSTL)
0.4V
V
IDT72T3645/72T3655/72T3665/72T3675/72T3685/72T3695
ICC1(1,2)
Active VCC Current (VCC = 2.5V)
I/O = LVTTL
40
mA
I/O = HSTL
70
mA
I/O = eHSTL
70
mA
ICC2(1)
Standby VCC Current (VCC = 2.5V)
I/O = LVTTL
10
mA
I/O = HSTL
50
mA
I/O = eHSTL
50
mA
IDT72T36105/72T36115/72T36125
ICC1(1,2)
Active VCC Current (VCC = 2.5V)
I/O = LVTTL
60
mA
I/O = HSTL
90
mA
I/O = eHSTL
90
mA
ICC2(1)
Standby VCC Current (VCC = 2.5V)
I/O = LVTTL
20
mA
I/O = HSTL
70
mA
I/O = eHSTL
70
mA
NOTES:
1. Both WCLK and RCLK toggling at 20MHz. Data inputs toggling at 10MHz.
WCS = HIGH, REN or RCS = HIGH.
2. For the IDT72T36105/72T36115/72T36125, typical ICC1 calculation (with data outputs in Low-Impedance):
for LVTTL I/O ICC1 (mA) = 1.3 x fs, fs = WCLK = RCLK frequency (in MHz)
for HSTL or eHSTL I/O ICC1 (mA) = 30 + (1.3 x fs), fs = WCLK = RCLK frequency (in MHz)
For the IDT72T3645/72T3655/72T3665/72T3675/72T3685/72T3695, typical ICC1 calculation (with data outputs in Low-Impedance):
for LVTTL I/O ICC1 (mA) = 0.7mA x fs, fs = WCLK = RCLK frequency (in MHz)
for HSTL or eHSTL I/O ICC1 (mA) = 30 + (0.7 x fs), fs = WCLK = RCLK frequency (in MHz).
3. For all devices, typical IDDQ calculation:
with data outputs in High-Impedance: IDDQ (mA) = 0.15 x fs, fs = WCLK = RCLK frequency (in MHz)
with data outputs in Low-Impedance: IDDQ (mA) = (CL x VDDQ x fs x N)/2000
fs = WCLK = RCLK frequency (in MHz), VDDQ = 2.5V for LVTTL; 1.5V for HSTL; 1.8V for eHSTL, CL = capacitive load (pf), tA = 25°C,
N = Number of outputs switching.
4. Total Power consumed: PT = (VCC x ICC) + VDDQ x IDDQ).
5. Outputs are not 3.3V tolerant.


Similar Part No. - IDT72T3685L10BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T3685 IDT-IDT72T3685 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T3685 RENESAS-IDT72T3685 Datasheet
564Kb / 58P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
More results

Similar Description - IDT72T3685L10BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
IDT72T3645 RENESAS-IDT72T3645 Datasheet
564Kb / 58P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
logo
Integrated Device Techn...
72T72115L5BBGI IDT-72T72115L5BBGI Datasheet
471Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285 Datasheet
542Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
72T7285 IDT-72T7285 Datasheet
358Kb / 54P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T7285 RENESAS-IDT72T7285 Datasheet
560Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
JUNE 2017
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com