Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU3047CW Datasheet(PDF) 7 Page - International Rectifier

Part # IRU3047CW
Description  DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3047CW Datasheet(HTML) 7 Page - International Rectifier

Back Button IRU3047CW Datasheet HTML 3Page - International Rectifier IRU3047CW Datasheet HTML 4Page - International Rectifier IRU3047CW Datasheet HTML 5Page - International Rectifier IRU3047CW Datasheet HTML 6Page - International Rectifier IRU3047CW Datasheet HTML 7Page - International Rectifier IRU3047CW Datasheet HTML 8Page - International Rectifier IRU3047CW Datasheet HTML 9Page - International Rectifier IRU3047CW Datasheet HTML 10Page - International Rectifier IRU3047CW Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
IRU3047
7
Rev. 1.0
09/09/02
www.irf.com
For higher efficiency, a low ESR capacitor is recom-
mended.
For VIN1=12V, choose two Poscap from Sanyo
16TPB47M (16V, 47
mF, 70mV, 1.4A)
For VIN2=5V, choose two 6TPB330M (6.3V, 330
mF,
40m
V, 3A).
Output Capacitor Selection
The criteria to select the output capacitor is normally
based on the value of the Effective Series Resistance
(ESR). In general, the output capacitor must have low
enough ESR to meet output ripple and load transient
requirements, yet have high enough ESR to satisfy sta-
bility requirements. The ESR of the output capacitor is
calculated by the following relationship:
The Sanyo TPC series, PosCap capacitor is a good
choice. The 6TPB470M 470
mF, 6.3V has an ESR 40mV.
Selecting two of these capacitors in parallel, results to
an ESR of
≅ 20mV which achieves our low ESR goal.
The capacitor value must be high enough to absorb the
inductor's ripple current. The larger the value of capaci-
tor, the lower will be the output ripple voltage.
The resulting output ripple current is smaller then each
channel ripple current due to the 180
8 phase shift. These
currents cancel each other. The cancellation is not the
maximum because of the different duty cycle for each
channel.
Inductor Selection
The inductor is selected based on output power, operat-
ing frequency and efficiency requirements. Low induc-
tor value causes large ripple current, resulting in the
smaller size, but poor efficiency and high output noise.
Generally, the selection of inductor value can be reduced
to desired maximum ripple current in the inductor (
∆i);
the optimum point is usually found between 20% and
50% ripple of the output current.
Where:
VIN = Maximum Input Voltage
VOUT = Output Voltage
∆i = Inductor Ripple Current
fS = Switching Frequency
∆t = Turn On Time
D = Duty Cycle
For the buck converter, the inductor value for desired
operating ripple current can be determined using the fol-
lowing relation:
For
Di1=30% of I1, we get L3=5.46mH
For
Di2=30% of I2, we get: L4=3.47mH
The Coilcraft DO5022HC series provides a range of in-
ductors in different values and low profile for large cur-
rents.
For L3 choose DO5022P-602HC (6
mH, 7.5A)
For L4 choose DO5022P-472HC (4.7
mH, 8.4A)
Power MOSFET Selection
The selections criteria to meet power transfer require-
ments is based on maximum drain-source voltage (VDSS),
gate-source drive voltage (VGS), maximum output cur-
rent, On-resistance RDS(ON) and thermal management.
The MOSFET must have a maximum operating voltage
(VDSS) exceeding the maximum input voltage (VIN).
The gate drive requirement is almost the same for both
MOSFETs. Caution should be taken with devices at very
low VGS to prevent undesired turn-on of the complemen-
tary MOSFET, which results a shoot-through current.
The total power dissipation for MOSFETs includes con-
duction and switching losses. For the Buck converter
the average inductor current is equal to the DC load cur-
rent. The conduction loss is defined as:
The total conduction loss is defined as:
ESR
[
---(5)
DVO
DIO
Where:
DVO = Output Voltage Ripple
DIO = Output Current
DVO=100mV and DIO=5A, results to ESR=20mV
VIN - VOUT = L
3
;
Dt = D3
; D =
1
fS
VOUT
VIN
Di
Dt
L = (VIN - VOUT)
3
---(6)
VOUT
VIN
3Di3fS
2
2
PCOND(Upper Switch) = ILOAD
3RDS(ON)3D3q
PCOND(Lower Switch) = ILOAD
3RDS(ON)3(1 - D)3q
q = RDS(ON) Temperature Dependency
PCON(TOTAL)=PCON(Upper Switch)
q+PCON(LowerSwitch)q


Similar Part No. - IRU3047CW

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3046CF IRF-IRU3046CF Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
IRU3048CF IRF-IRU3048CF Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
IRU3048CS IRF-IRU3048CS Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
More results

Similar Description - IRU3047CW

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
International Rectifier
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Advanced Power Electron...
APU3146 A-POWER-APU3146 Datasheet
1Mb / 28P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com