Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU3047CW Datasheet(PDF) 4 Page - International Rectifier

Part # IRU3047CW
Description  DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3047CW Datasheet(HTML) 4 Page - International Rectifier

  IRU3047CW Datasheet HTML 1Page - International Rectifier IRU3047CW Datasheet HTML 2Page - International Rectifier IRU3047CW Datasheet HTML 3Page - International Rectifier IRU3047CW Datasheet HTML 4Page - International Rectifier IRU3047CW Datasheet HTML 5Page - International Rectifier IRU3047CW Datasheet HTML 6Page - International Rectifier IRU3047CW Datasheet HTML 7Page - International Rectifier IRU3047CW Datasheet HTML 8Page - International Rectifier IRU3047CW Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Rev. 1.0
09/09/02
IRU3047
www.irf.com
Figure 2 - Block diagram of the IRU3047.
PIN#
PIN SYMBOL
PIN DESCRIPTION
9,12
10
11
15
16
17
19
20
LDrv2, LDrv1
PGnd
VCL
VOUT3
Fb3
SS
PGood
Gnd
Output driver for the synchronous power MOSFET.
This pin serves as the separate ground for MOSFET’s driver and should be connected to
the system’s ground plane.
Supply voltage for the low side output drivers.
Driver signal for the LDO’s external transistor.
LDO’s feedback pin, connected to a resistor divider to set the output voltage of LDO.
Soft-Start pin. The converter can be shutdown by pulling this pin below 0.5V.
Power Good pin. This pin is a collector output that switches Low when any of the outputs
are outside of the specified under voltage trip point.
Ground pin.
Bias
Generator
LDrv2
Two Phase
Oscillator
1.25V
3V
Ramp1
Fb3
0.5V
POR
POR
Gnd
HDrv2
VcH2
SS
Comp2
1.25V
Error Amp2
PWM Comp2
POR
VOUT3
25uA
Reset Dom
LDrv1
VCL
HDrv1
VcH1
Fb1
Comp1
Error Amp1
PWM Comp1
25K
Reset Dom
Set1
Set2
Ramp2
64uA Max
UVLO
VcH2
3.5V / 3.3V
VcH1
3.5V / 3.3V
4.2V / 4.0V
Fb2
40mA LDO Controller
PGnd
Vcc
1.25V
1.25V
SS > 2V
Vp2
VREF
PGood
Fb3
Fb2
Fb1
PGood
Fb2 Monitor
Shut Down
R
S
Q
S
R
Q
Vcc
4
17
18
5
1
2
3
6
16
20
14
13
11
12
7
8
9
19
10
15
2V
SS
25K
25K
25K
25K
25K
BLOCK DIAGRAM


Similar Part No. - IRU3047CW

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3046CF IRF-IRU3046CF Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
IRU3048CF IRF-IRU3048CF Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
IRU3048CS IRF-IRU3048CS Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
More results

Similar Description - IRU3047CW

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
International Rectifier
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Advanced Power Electron...
APU3146 A-POWER-APU3146 Datasheet
1Mb / 28P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com