Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G941T25U Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G941T25U
Description  3.7V 400mA Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G941T25U Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G941T25U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G941T25U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G941T25U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G941T25U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G941T25U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G941T25U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G941T25U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G941T25U Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ver: 5.5
May 13, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G940/G941
Global Mixed-mode Technology Inc.
Recommend Minimum Footprint
Note: VIN(max) <= 6.5V
Safe Operating Area
[Power Dissipation Limit]
0
50
100
150
200
250
300
350
400
450
500
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Input-Output Voltage Differential VIN-VOUT (V)
TA=25℃
TA=55℃
TA=85℃
Maximum Recommended Output Current
Maximum Power Dissipation of SOT 89
0
0.1
0.2
0.3
0.4
0.5
0.6
25
35
45
55
65
75
85
95
105
115
125
Amibent Temperature TA (°C)
Note: VIN(max) <= 6.5V
Safe Operating Area
[Power Dissipation Limit]
0
50
100
150
200
250
300
350
400
450
500
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Input-Output Voltage Differential VIN-VOUT (V)
TA=25℃
TA=55℃
TA=85℃
Maximum Recommended Output Current
0.0
0.1
0.2
0.3
0.4
0.5
25
35
45
55
65
75
85
95
105
115
125
Amibent Temperature TA (°C)
Maximum Power Dissipation of SOT 23
TA=25°C,Still Air
1oz Copper on SOT 23 Package
Mounted on recommended mimimum footprint (RθJA=350°C/W)
Still Air
1oz Copper on SOT 23 Package
Mounted on recommend mimimum footprint (RθJA=350°C/W)
TA=25°C,Still Air
1oz Copper on SOT 89 Package
Mounted on recommended mimimum footprint (RθJA=250°C/W)
Still Air
1oz Copper on SOT 89 Package
Mounted on recommend mimimum footprint (RθJA=250°C/W)


Similar Part No. - G941T25U

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
G94-016-050-AGGM-H MITSUMI-G94-016-050-AGGM-H Datasheet
60Kb / 2P
   Interface Connectors for Cradle
logo
IDEA.lnc.
G946B IDEA-G946B Datasheet
50Kb / 1P
   T-1 LED Indicator, Right-angle, PCB Mount
logo
Hamamatsu Corporation
G9494-256D HAMAMATSU-G9494-256D Datasheet
132Kb / 5P
   InGaAs linear image sensor
G9494-256D HAMAMATSU-G9494-256D Datasheet
137Kb / 5P
   Near infrared image sensor (0.9 to 1.7 關m) with high-speed data rate
G9494-256D HAMAMATSU-G9494-256D_15 Datasheet
233Kb / 8P
   Near infrared image sensors (0.9 to 1.7 m) with high-speed data rate
More results

Similar Description - G941T25U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113_07 Datasheet
520Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930 Datasheet
196Kb / 8P
   3.5V 400mA Low Dropout Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113 Datasheet
364Kb / 16P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930_07 Datasheet
142Kb / 5P
   3.5V 400mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com