Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72255LA20TF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72255LA20TF
Description  CMOS SUPERSYNC FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72255LA20TF Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72255LA20TF Datasheet HTML 1Page - Integrated Device Technology IDT72255LA20TF Datasheet HTML 2Page - Integrated Device Technology IDT72255LA20TF Datasheet HTML 3Page - Integrated Device Technology IDT72255LA20TF Datasheet HTML 4Page - Integrated Device Technology IDT72255LA20TF Datasheet HTML 5Page - Integrated Device Technology IDT72255LA20TF Datasheet HTML 6Page - Integrated Device Technology IDT72255LA20TF Datasheet HTML 7Page - Integrated Device Technology IDT72255LA20TF Datasheet HTML 8Page - Integrated Device Technology IDT72255LA20TF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGE
IDT72255LA/72265LA SUPERSYNC FIFO™
8,192 x 18, 16,384 x 18
ABSOLUTE MAXIMUM RATINGS
Symbol
Rating
Com’l & Ind’l
Unit
VTERM
Terminal Voltage
–0.5 to +7.0
V
with respect to GND
TSTG
Storage
–55 to +125
°C
Temperature
IOUT
DC Output Current
–50 to +50
mA
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect reliability.
NOTES:
1. With output deselected, (
OE ≥ VIH).
2. Characterized values, not currently tested.
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C )
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN(2)
Input
VIN = 0V
10
pF
Capacitance
COUT(1,2)
Output
VOUT = 0V
10
pF
Capacitance
RECOMMENDED DC OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
Commercial/Industrial
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.0
V
Commercial/Industrial
VIL
(1)
Input Low Voltage
0.8
V
Commercial/Industrial
TA
Operating Temperature
0
70
°C
Commercial
TA
Operating Temperature
–40
85
°C
Industrial
NOTE:
1. 1.5V undershoots are allowed for 10ns once per cycle.
IDT72255LA
IDT72265LA
Commercial & Industrial(1)
tCLK = 10, 15, 20 ns
Symbol
Parameter
Min.
Max.
Unit
ILI(2)
Input Leakage Current
–1
1
µA
ILO(3)
Output Leakage Current
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
V
ICC1(4,5,6)
Active Power Supply Current
80
mA
ICC2(4,7)
Standby Current
20
mA
NOTES
:
1. Industrial temperature range product for 15ns and 20ns speed grades are available as a standard device.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3.
OE VIH, 0.4 ≤ VOUT ≤ VCC.
4. Tested with outputs disabled (IOUT = 0).
5. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz.
6. Typical ICC1 = 15 + 2.1*fS + 0.02*CL*fS (in mA) with VCC = 5V, tA = 25
°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels),
data switching at fS/2, CL = capacitive load (in pF).
7. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.


Similar Part No. - IDT72255LA20TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72255LA20TFG IDT-IDT72255LA20TFG Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
IDT72255LA20TFGI IDT-IDT72255LA20TFGI Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
More results

Similar Description - IDT72255LA20TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
IDT72275 IDT-IDT72275 Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72255LA IDT-IDT72255LA_14 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
IDT72255LA IDT-IDT72255LA_05 Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
IDT72291 IDT-IDT72291 Datasheet
277Kb / 26P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA_13 Datasheet
446Kb / 27P
   CMOS SuperSync FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com