Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74AC299 Datasheet(PDF) 5 Page - Integral Corp.

Part # IN74AC299
Description  8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74AC299 Datasheet(HTML) 5 Page - Integral Corp.

  IN74AC299 Datasheet HTML 1Page - Integral Corp. IN74AC299 Datasheet HTML 2Page - Integral Corp. IN74AC299 Datasheet HTML 3Page - Integral Corp. IN74AC299 Datasheet HTML 4Page - Integral Corp. IN74AC299 Datasheet HTML 5Page - Integral Corp. IN74AC299 Datasheet HTML 6Page - Integral Corp. IN74AC299 Datasheet HTML 7Page - Integral Corp. IN74AC299 Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IN74AC299
390
TIMING REQUIREMENTS(C
L=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C-40°C to
85
°C
Unit
tsu
Minimum Setup Time, Mode Select S1 or S2
to Clock (Figure 4)
3.3
5.0
8.0
5.0
8.5
5.5
ns
tsu
Minimum Setup Time, Data Inputs PA thru PH
to Clock (Figure 4)
3.3
5.0
5.5
3.5
6.0
4.0
ns
tsu
Minimum Setup Time, Data Inputs SA, SH to
Clock (Figure 4)
3.3
5.0
6.5
4.0
7.0
4.5
ns
th
Minimum Hold Time, Clock to Mode Select
S1 or S2 (Figure 4)
3.3
5.0
0.5
1.0
0.5
1.0
ns
th
Minimum Hold Time, Clock to Data Inputs PA
thru PH (Figure 4)
3.3
5.0
0
1.0
0
1.0
ns
th
Minimum Hold Time, Clock to Data Inputs
SA, SH (Figure 4)
3.3
5.0
0
1.0
0.5
1.0
ns
trec
Minimum Recovery Time, Reset Inactive to
Clock (Figure 2)
3.3
5.0
1.5
1.5
1.5
1.5
ns
tw
Minimum Pulse Width, Clock (Figure 1)
3.3
5.0
4.5
3.5
5.0
3.5
ns
tw
Minimum Pulse Width, Reset (Figure 2)
3.3
5.0
4.5
3.5
5.0
3.5
ns
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V


Similar Part No. - IN74AC299

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC299 IKSEMICON-IN74AC299 Datasheet
256Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
IN74AC299DW IKSEMICON-IN74AC299DW Datasheet
256Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
IN74AC299N IKSEMICON-IN74AC299N Datasheet
256Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74AC299

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT323 KODENSHI-KK74ACT323 Datasheet
404Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC323 IKSEMICON-IN74AC323 Datasheet
322Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
IN74ACT299 IKSEMICON-IN74ACT299 Datasheet
402Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT299 KODENSHI-KK74ACT299 Datasheet
412Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC299 IKSEMICON-IN74AC299 Datasheet
256Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC299 KODENSHI-KK74AC299 Datasheet
428Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT323 IKSEMICON-IN74ACT323 Datasheet
393Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC323 KODENSHI-KK74AC323 Datasheet
413Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC299A IKSEMICON-IN74HC299A Datasheet
338Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Performance Silicon-Gate CMOS
IN74HC323A IKSEMICON-IN74HC323A Datasheet
308Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com