Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W26010AJ-15 Datasheet(PDF) 2 Page - Winbond

Part # W26010AJ-15
Description  64K 16 HIGH-SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W26010AJ-15 Datasheet(HTML) 2 Page - Winbond

  W26010AJ-15 Datasheet HTML 1Page - Winbond W26010AJ-15 Datasheet HTML 2Page - Winbond W26010AJ-15 Datasheet HTML 3Page - Winbond W26010AJ-15 Datasheet HTML 4Page - Winbond W26010AJ-15 Datasheet HTML 5Page - Winbond W26010AJ-15 Datasheet HTML 6Page - Winbond W26010AJ-15 Datasheet HTML 7Page - Winbond W26010AJ-15 Datasheet HTML 8Page - Winbond W26010AJ-15 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
W26010A
- 2 -
TRUTH TABLE
#CS #OE #WE #LB #UB
MODE
I/O1
−I/O8
I/O9
−I/O16
VDD CURRENT
H
X
X
X
X
Not Selected
High Z
High Z
ISB, ISB1
L
H
H
X
X
Output Disable
High Z
High Z
IDD
L
L
H
L
L
2 Bytes Read
DOUT
DOUT
IDD
L
L
H
L
H
Lower Byte Read
DOUT
High Z
IDD
L
L
H
H
L
Upper Byte Read
High Z
DOUT
IDD
L
X
L
L
L
2 Bytes Write
DIN
DIN
IDD
L
X
L
L
H
Lower Byte Write
DIN
High Z
IDD
L
X
L
H
L
Upper Byte Write
High Z
DIN
IDD
L
X
X
H
H
Output Disable
High Z
High Z
IDD
DC CHARACTERISTICS
Absolute Maximum Ratings
PARAMETER
RATING
UNIT
Supply Voltage to VSS Potential
-0.5 to +7.0
V
Input/Output to VSS Potential
-0.5 to VDD +0.5
V
Allowable Power Dissipation
1.5
W
Storage Temperature
-65 to +150
°C
Operating Temperature
0 to +70
°C
I
-40 to 85
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.
Operating Characteristics
(VDD = 5V
±10%, VSS = 0V, TA = 0 to 70° C, I for –40 to 85° C)
PARAMETER
SYM.
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Low Voltage
VIL
-
-0.5
-
+0.8
V
Input High Voltage
VIH
-
+2.2
-
VDD +0.5
V
Input Leakage Current
ILI
VIN = VSS to VDD
-10
-
+10
µA
Output Leakage Current
ILO
VI/O = VSS to VDD
Output Pins in High Z
See Truth Table
-10
-
+10
µA
Output Low Voltage
VOL
IOL = +8.0 mA
-
-
0.4
V
Output High Voltage
VOH
IOH = -4.0 mA
2.4
-
-
V


Similar Part No. - W26010AJ-15

ManufacturerPart #DatasheetDescription
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
W26020A-20 WINBOND-W26020A-20 Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
W26020A-25 WINBOND-W26020A-25 Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
W26020AT-20 WINBOND-W26020AT-20 Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
W26020AT-25 WINBOND-W26020AT-25 Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
More results

Similar Description - W26010AJ-15

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C51161024 MOSEL-V61C51161024 Datasheet
61Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com