Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2895B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # U2895B
Description  Modulation PLL for GSM, DCS and PCS Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

U2895B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button U2895B Datasheet HTML 3Page - List of Unclassifed Manufacturers U2895B Datasheet HTML 4Page - List of Unclassifed Manufacturers U2895B Datasheet HTML 5Page - List of Unclassifed Manufacturers U2895B Datasheet HTML 6Page - List of Unclassifed Manufacturers U2895B Datasheet HTML 7Page - List of Unclassifed Manufacturers U2895B Datasheet HTML 8Page - List of Unclassifed Manufacturers U2895B Datasheet HTML 9Page - List of Unclassifed Manufacturers U2895B Datasheet HTML 10Page - List of Unclassifed Manufacturers U2895B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
U2895B
Rev. A3, 30-Sep-98
7 (16)
Mode Selection
The device can be programmed to different modes via an external resistor RMODE (including short, open) from Pin MC
to VS2. The mode is distinguished from specific N-, R-divider ratios, and the polarity of the charge pump current.
Mode Selection
N-Divider
R-Divider
CPO Current Polarity 4)
Application
Mode
Resistance between
Pin MC and Pin VS2
fN < fR 1)
fN > fR 1)
1
0 (<50
W)
1:1
1:1
Sink
Source
2
2.7 k
W (±5%)
1:1
1:1
Source
Sink
3
10 k
W (±5%)
1:1
2:1
Source
Sink
4
47 k
W (±5%)
2:1
2:1
Source
Sink
PCN/PCS 2)
5
R (>1 MW)
2:1
2:1
Sink
Source
GSM 3)
1)
Frequencies referred to PFD input
2)
LO frequencies below VCO frequency
3)
LO frequencies above VCO frequency
4)
Sink current into Pin CPO. Source: current out from Pin CPO.
Equivalent Circuits at the IC’s Pins
L,Q
NI, NQ
250
30 pF
2230
2230
VS1
MDO
NMDO
GND
Baseband input
LO input
Output
15049
MDLO
V
Bias_MDLO
V
Ref_input
V
Ref_MDLO
V
Ref_output
Figure 5. I/Q modulator
14554
NRF
LO input
890
890
1 k
Output
1.6 k
1.6 k
1 k
RF
MIXLO
40 pF
6.3
MIXO
VS3
GND
V
Bias_RF
V
Ref_RF
V
Bias_LO
V
Ref_LO
Figure 6. Mixer


Similar Part No. - U2895B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2891B TEMIC-U2891B Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
U2891B-AFS TEMIC-U2891B-AFS Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
U2891B-AFSG3 TEMIC-U2891B-AFSG3 Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
U2893B TEMIC-U2893B Datasheet
294Kb / 14P
   Modulation PLL for GSM, DCS and PCS Systems
U2894B TEMIC-U2894B Datasheet
802Kb / 16P
   Modulation PLL for GSM, DCS and PCS Systems
More results

Similar Description - U2895B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2894B TEMIC-U2894B Datasheet
802Kb / 16P
   Modulation PLL for GSM, DCS and PCS Systems
U2893B TEMIC-U2893B Datasheet
294Kb / 14P
   Modulation PLL for GSM, DCS and PCS Systems
U2896B TEMIC-U2896B Datasheet
581Kb / 13P
   Modulation PLL for GSM, DCS and PCS Systems
logo
NXP Semiconductors
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
   GSM/DCS/PCS power amplifier
2000 Nov 28
logo
STMicroelectronics
STB7003 STMICROELECTRONICS-STB7003 Datasheet
221Kb / 9P
   TRI-BAND GSM/DCS/PCS LNA
logo
TriQuint Semiconductor
854823 TRIQUINT-854823_15 Datasheet
41Kb / 1P
   86.6 MHz Bandpass Filter for GSM / DCS / PCS Applications
logo
RF Micro Devices
RF3108 RFMD-RF3108 Datasheet
195Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
NXP Semiconductors
UAA3535HL PHILIPS-UAA3535HL Datasheet
118Kb / 24P
   Low power GSM/DCS/PCS multi-band transceiver
2000 Feb 17
logo
RF Micro Devices
RF3108 RFMD-RF3108_06 Datasheet
220Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3110 RFMD-RF3110 Datasheet
198Kb / 12P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com