Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2481B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # U2481B
Description  Automotive Lamp Outage Monitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

U2481B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button U2481B Datasheet HTML 3Page - List of Unclassifed Manufacturers U2481B Datasheet HTML 4Page - List of Unclassifed Manufacturers U2481B Datasheet HTML 5Page - List of Unclassifed Manufacturers U2481B Datasheet HTML 6Page - List of Unclassifed Manufacturers U2481B Datasheet HTML 7Page - List of Unclassifed Manufacturers U2481B Datasheet HTML 8Page - List of Unclassifed Manufacturers U2481B Datasheet HTML 9Page - List of Unclassifed Manufacturers U2481B Datasheet HTML 10Page - List of Unclassifed Manufacturers U2481B Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TELEFUNKEN Semiconductors
U2481B/ U2482B
Preliminary Information
Rev. A1: 21.08.1995
9 (11)
Electrical Characteristics
Tamb = –40 to +100
_C, VBatt (Kl. 15) = 10 to 15 V, supply series resistors and input protection rsistors connected (see
figure 1 “block diagram” and figure 2 “basic application schematic”) unless otherwise specified.
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Supply
Operating voltage
VBatt
9
16
V
Supply current
VBatt = 13 V, V14 = low
Pin 20
Pin 19
0.3
3
0.7
5
1.1
7
mA
mA
Power on reset (POR)
Tamb = 25°C
Pin 19
VBatt (Kl. 15)
3.0
3.7
4.2
5.0
V
V
Comparators
Comparator input current
during switch over
VBatt = 13 V
Pins 27, 28
Pins 1, 2
Pins 24, 25
Pins 21, 22
Pin 7
Pins 6, 8, 9
Pin 11
Pins 10–12
Pin 4
Pins 3,5
I27, I28
I1, I2
I24, I25
I21, I22
I7
I6, I8, I9
I11
I10,I11,I12
I4
I3, I5
10
10
10
10
30
10
30
10
20
10
mA
Comparator thresholds VT1
of comparators K1 and K2
(VT1 = VRef... – VIN...)
VS = 10 V Pins 1, 2, 27, 28
VS = 13 V
VS = 15 V
VT1x
x = Pin No.
8.5
10.0
11.0
11.5
13.0
14.0
14.5
16.0
17.0
mV
Voltage characteristic
DVT1
0.5
mV/V
Temperature characteristic
DTT1
3900
ppm/
°K
Comparator thresholds VT2
of comparators K3 to K7
(VT2 = VRef... – VIN...)
Pins 6, 7, 8, 9
Pins 24, 25
Pins 3, 4, 5
Pins 21, 22
Pins 10, 11, 12
VS = 10 V
VS = 13 V
VS = 15 V
VT1x
x = Pin No.
1.5
2.0
2.3
3.0
3.5
3.8
4.5
5.0
5.3
mV
Voltage characteristic
DVT2
0.17
mV/V
Temperature characteristic
DTT2
3900
ppm/
°K
Min. comparator input
voltage for detection
all Ref-pins
VMin
0.33
VBatt
Output
Output current
VBatt = 13 V
Pin 14
I14
–10.0
mA
Output saturation voltage
Iout = –10 mA
Pin 19–Pin 14
VSat
1.0
1.5
V


Similar Part No. - U2481B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2480B TEMIC-U2480B Datasheet
343Kb / 8P
   Automotive Lamp Outage Monitor
More results

Similar Description - U2481B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2480B TEMIC-U2480B Datasheet
343Kb / 8P
   Automotive Lamp Outage Monitor
logo
ATMEL Corporation
U479B ATMEL-U479B Datasheet
138Kb / 8P
   Automotive Lamp-outage Monitor IC
U479B ATMEL-U479B_07 Datasheet
184Kb / 7P
   Automotive Lamp-outage Monitor IC
logo
TEMIC Semiconductors
U4791B TEMIC-U4791B Datasheet
80Kb / 5P
   Automotive Lamp Outage Monitor, VT = 53 mV
logo
List of Unclassifed Man...
U4790B ETC1-U4790B Datasheet
64Kb / 5P
   Automotive Lamp-Outage Monitor, VT = 8 mV, VZ(3,5) = 22 V
logo
Zetex Semiconductors
ZXCT1008 ZETEX-ZXCT1008_07 Datasheet
1Mb / 8P
   AUTOMOTIVE HIGH-SIDE CURRENT MONITOR
logo
Diodes Incorporated
ZXCT1008 DIODES-ZXCT1008 Datasheet
154Kb / 9P
   AUTOMOTIVE HIGH-SIDE CURRENT MONITOR
logo
Maxim Integrated Produc...
MAX13362 MAXIM-MAX13362 Datasheet
213Kb / 14P
   24-Channel Automotive Switch Monitor
Rev 0; 2/09
logo
Diodes Incorporated
ZXCT1009Q DIODES-ZXCT1009Q Datasheet
647Kb / 8P
   AUTOMOTIVE GRADE MICROPOWER CURRENT MONITOR
logo
Zetex Semiconductors
ZXCT1008 ZETEX-ZXCT1008 Datasheet
154Kb / 8P
   AUTOMOTIVE HIGH-SIDE CURRENT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com