Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC281-0YM6 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC281-0YM6
Description  Low-Cost IttyBitty Thermal Sensor IttyBitty
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC281-0YM6 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC281-0YM6 Datasheet HTML 4Page - Micrel Semiconductor MIC281-0YM6 Datasheet HTML 5Page - Micrel Semiconductor MIC281-0YM6 Datasheet HTML 6Page - Micrel Semiconductor MIC281-0YM6 Datasheet HTML 7Page - Micrel Semiconductor MIC281-0YM6 Datasheet HTML 8Page - Micrel Semiconductor MIC281-0YM6 Datasheet HTML 9Page - Micrel Semiconductor MIC281-0YM6 Datasheet HTML 10Page - Micrel Semiconductor MIC281-0YM6 Datasheet HTML 11Page - Micrel Semiconductor MIC281-0YM6 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC281
Micrel
MIC281
8
November 2004
Remote Temperature Result (TEMP)
8-bits, read-only
Remote Temperature Result Register
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read-only
read-only
read-only
read-only
read-only
read-only
read-only
read-only
Temperature Data from ADC
Bit
Function
Operation
D[7:0]
Measured temperature data for the remote zone
Read-only
Power-up default value: 0000 0000b = 00h (0°C)**
Command byte:
0000 0001b = 01h
Each LSB represents one degree centigrade. The values are in a two’s complement binary format such that 0°C is reported
as 0000 0000b. See Temperature Data Format (above) for more details.
**TEMP will contain measured temperature data after the completion of one conversion.
Configuration Register (CONFIG)
8-bits, read/write
Configuration Register
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
reserved
reserved
reserved
reserved
reserved
reserved
reserved
write-only
Reserved
Shutdown
reserved
(SHDN)
Bits(s)
Function
Operation*
D7
Reserved
Always write as zero;
reads undefined
SHDN
Shutdown bit
0 = normal operation, 1 =
shutdown
D[5:0]
Reserved
Always write as zero;
reads undefined
Power-up default value: x0xx xxxxb (Not in shutdown mode)
Command byte:
0000 0011b = 03h
* Any write to CONFIG will result in any A/D conversion in progress being aborted and the result discarded. The A/D will begin a new conver-
sion sequence once the write operation is complete.
Detailed Register Descriptions


Similar Part No. - MIC281-0YM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC281-0YM6 MICREL-MIC281-0YM6 Datasheet
693Kb / 14P
   Low-Cost IttyBitty??Thermal Sensor
More results

Similar Description - MIC281-0YM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC281 MICREL-MIC281_11 Datasheet
177Kb / 12P
   Low-Cost IttyBitty??Thermal Sensor IttyBitty
MIC281 MICREL-MIC281_14 Datasheet
693Kb / 14P
   Low-Cost IttyBitty??Thermal Sensor
MIC280 MICREL-MIC280_14 Datasheet
865Kb / 28P
   Precision IttyBitty??Thermal Supervisor
MIC280 MICREL-MIC280_06 Datasheet
391Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC280 MICREL-MIC280 Datasheet
226Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC6270 MICREL-MIC6270_08 Datasheet
148Kb / 4P
   IttyBitty Comparator
MIC6211 MICREL-MIC6211_06 Datasheet
972Kb / 7P
   IttyBitty Operational Amplifier
MIC4416 MICREL-MIC4416_05 Datasheet
121Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
MIC4416 MICREL-MIC4416 Datasheet
107Kb / 9P
   IttyBitty??Low-Side MOSFET Driver
MIC2660 MICREL-MIC2660 Datasheet
93Kb / 8P
   IttyBitty Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com