Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8515AE_K Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8515AE_K
Description  Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8515AE_K Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8515AE_K Datasheet HTML 1Page - Maxim Integrated Products MAX8515AE_K Datasheet HTML 2Page - Maxim Integrated Products MAX8515AE_K Datasheet HTML 3Page - Maxim Integrated Products MAX8515AE_K Datasheet HTML 4Page - Maxim Integrated Products MAX8515AE_K Datasheet HTML 5Page - Maxim Integrated Products MAX8515AE_K Datasheet HTML 6Page - Maxim Integrated Products MAX8515AE_K Datasheet HTML 7Page - Maxim Integrated Products MAX8515AE_K Datasheet HTML 8Page - Maxim Integrated Products MAX8515AE_K Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Wide-Input 0.6V Shunt Regulators for
Isolated DC-to-DC Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ...............................................................-0.3V to +30V
OUT to GND ...........................................................-0.3V to +20V
FB to GND .................-0.3V to the lower of 5.5V and (VIN +0.3V)
PGND to GND .......................................................-0.3V to +0.3V
Continuous Power Dissipation (TA =+70
°C)
5-Pin SC70 (derate 3.1mW/
°C above +70°C)...........246.9mW
5-Pin Thin SOT23 (derate 9.1mW/
°C above +70°C)....727mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature Range ............................-40
°C to +150°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
ELECTRICAL CHARACTERISTICS
(VIN = 3.3V, OUT = FB, IOUT = 5mA, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IN
IN Voltage Range
VIN
1.7
28
V
IOUT = 0.3mA
0.5
1
IN Supply Current
IIN
VIN = 2V to 28V
IOUT = 10mA
2.5
4
mA
FB
MAX8515AE_K
0.597
0.6
0.603
TA = +25
°C
MAX8515E_K
0.594
0.6
0.606
MAX8515AE_K
0.595
0.6
0.605
TA = 0
°C to +85°C
MAX8515E_K
0.592
0.6
0.608
MAX8515AE_K
0.594
0.6
0.606
FB Threshold Accuracy
TA = -40
°C to +85°C
MAX8515E_K
0.589
0.6
0.608
V
FB Load Regulation
IOUT = 1mA to 20mA
3.8
6
mV
VIN = 2V to 28V
0.2
1
FB Line Regulation
VIN = 1.7V to 28V
1.5
mV
FB Output Voltage Regulation
VOUT = 0.2V to 18V, IOUT = 1mA
0.2
1
mV
FB Input Bias Current
IFB(BIAS)
VIN = 28V
-0.1
0.02
+0.1
µA
OUT
OUT Voltage Range
VOUT
0.2
18
V
Maximum Output Current
IOUT(MAX) VOUT = 0.2V, VIN = 2V, VFB = 0.63V
20
mA
TA = +25
°C
0.001
0.1
Output Leakage Current
IOUT(LEAK)
VIN = 28V, VOUT = 18V,
VFB = 0V
TA = +85
°C
0.03
µA
Dynamic Output Impedance
ZOUT
IOUT = 1mA to 20mA, f <1kHz
0.2
0.32
Note 1: Devices are production tested at TA = +25
°C, limits over temperature are guaranteed by design.


Similar Part No. - MAX8515AE_K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8515AEXK-T MAXIM-MAX8515AEXK-T Datasheet
274Kb / 10P
   Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters
Rev 1; 2/03
MAX8515AEZK-T MAXIM-MAX8515AEZK-T Datasheet
274Kb / 10P
   Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters
Rev 1; 2/03
More results

Similar Description - MAX8515AE_K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8515EXK MAXIM-MAX8515EXK Datasheet
274Kb / 10P
   Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters
Rev 1; 2/03
logo
Murata Manufacturing Co...
RUW15 MURATA1-RUW15_V01 Datasheet
573Kb / 13P
   Isolated Ultra-Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
   Isolated 3W Wide Input DC/DC Converters
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
   Isolated 3W Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
RUW15 MURATA-RUW15 Datasheet
238Kb / 5P
   Isolated Ultra-Wide Input DC/DC Converters
KDC_NTF MURATA-KDC_NTF Datasheet
204Kb / 8P
   Isolated 1W Wide Input DC/DC Converters
logo
C&D Technologies
NGA CANDD-NGA Datasheet
101Kb / 3P
   Non-Isolated Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
NDC_NGA MURATA-NDC_NGA_5 Datasheet
185Kb / 5P
   Non-Isolated Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP2Y TOPPOWER-TP2Y Datasheet
638Kb / 4P
   3W 1KVDC Isolated Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
LSM16A-W3 MURATA-LSM16A-W3 Datasheet
350Kb / 12P
   Non-Isolated, Wide Input SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com