Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE253 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE253
Description  Silicon Complementary Transistors Darlington Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE253 Datasheet(HTML) 2 Page - NTE Electronics

  NTE253 Datasheet HTML 1Page - NTE Electronics NTE253 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
ON Characteristics (Note 1)
DC Current Gain
NTE253
hFE
VCE = 3V, IC = 1.5A
750
2000
NTE254
VCE = 3V, IC = 2A
750
2000
NTE253 & NTE253
VCE = 3V, IC = 4A
100
Collector–Emitter Saturation Voltage
NTE253
VCE(sat)
IC = 1.5A, IB = 30mA
2.5
V
NTE254
IC = 2.0A, IB = 40mA
2.8
V
NTE253 & NTE254
IC = 4.0A, IB = 40mA
3.0
V
Base–Emitter ON Voltage
NTE253
VBE(on)
VCE = 3V, IC = 1.5A
2.5
V
NTE254
VCE = 3V, IC = 2.0A
2.5
V
NTE253 & NTE254
VCE = 3V, IC = 4.0A
3.0
V
Dynamic Characteristics
Small–Signal Current Gain
|hfe|
VCE = 3V, IC = 1.5A, f = 1MHz
1.0
Note 1. Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2%
Note 2. NTE253MCP is a matched complementary pair containing 1 each of NTE253 (NPN) and
NTE254 (PNP).
NTE253
NTE254
B
C
E
B
C
E
.330 (8.38)
Max
.450
(11.4)
Max
.655
(16.6)
Max
.130 (3.3)
Max
.175
(4.45)
Max
.030 (.762) Dia
.090 (2.28)
.118 (3.0)
Dia
EC
B


Similar Part No. - NTE253

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2530 NTE-NTE2530 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Voltage Driver
NTE2531 NTE-NTE2531 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Voltage Driver
NTE2532 NTE-NTE2532 Datasheet
35Kb / 4P
   Integrated Circuit NMOS, 32K EPROM, 300ns
NTE2532 NTE-NTE2532 Datasheet
165Kb / 1P
   MICROPROCESSOR & MEMORY CIRCUITS
NTE2533 NTE-NTE2533 Datasheet
22Kb / 2P
   Silicon NPN Transistor High-Definition Color Display Horizontal Deflection Output
More results

Similar Description - NTE253

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE263 NTE-NTE263 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE251 NTE-NTE251 Datasheet
26Kb / 3P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE261 NTE-NTE261 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE243 NTE-NTE243 Datasheet
26Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE268 NTE-NTE268 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE245 NTE-NTE245 Datasheet
25Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE247 NTE-NTE247 Datasheet
26Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE249 NTE-NTE249 Datasheet
25Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE274 NTE-NTE274 Datasheet
25Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier, Switch
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com