Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8515AEZK-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8515AEZK-T
Description  Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8515AEZK-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8515AEZK-T Datasheet HTML 2Page - Maxim Integrated Products MAX8515AEZK-T Datasheet HTML 3Page - Maxim Integrated Products MAX8515AEZK-T Datasheet HTML 4Page - Maxim Integrated Products MAX8515AEZK-T Datasheet HTML 5Page - Maxim Integrated Products MAX8515AEZK-T Datasheet HTML 6Page - Maxim Integrated Products MAX8515AEZK-T Datasheet HTML 7Page - Maxim Integrated Products MAX8515AEZK-T Datasheet HTML 8Page - Maxim Integrated Products MAX8515AEZK-T Datasheet HTML 9Page - Maxim Integrated Products MAX8515AEZK-T Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Chip Information
TRANSISTOR COUNT: 50
PROCESS: BiCMOS
Wide-Input 0.6V Shunt Regulators for
Isolated DC-to-DC Converters
_______________________________________________________________________________________
7
Figure 6. Load Regulation of Linear-Regulator Circuit
LINEAR-REGULATOR
LOAD REGULATION
LOAD CURRENT (A)
1.5
1.0
0.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
-3.5
0
2.0
-4.0
-4.5
-5.0
VCC = 1.2V
VCC = 2.5V
CVCC = 220
µF
Figure 5. MAX8515A/MAX8515 Typical Application Circuit,
Linear Regulator
MAX8515A
MAX8515
Q1
FZT1049A
C2
1.0
µF
C1
0.1
µF
OUT
FB
GND
IN
VCC
1.2V TO
2.5V
VIN
R2
6.65k
R1
R3
10k
IO
2A (MAX)
VREG
1V
VIN (V)
2.5
3.3
5
R1 (
Ω)
22.1
40.2
82.5
MAX8515A
MAX8515
OUT
PGND
0.6V
REFERENCE
FB
GND
IN
Functional Diagram
Selector Guide
PART
INITIAL ACCURACY
TOP MARKS
MAX8515AEXK-T
0.6V, 0.5% feedback
ADX
MAX8515AEZK-T
0.6V, 0.5% feedback
ADRK
MAX8515EXK-T
0.6V, 1% feedback
ADY
MAX8515EZK-T
0.6V, 1% feedback
ADRL


Similar Part No. - MAX8515AEZK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8515AEZK-T MAXIM-MAX8515AEZK-T Datasheet
274Kb / 10P
   Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters
Rev 1; 2/03
More results

Similar Description - MAX8515AEZK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8515EXK MAXIM-MAX8515EXK Datasheet
274Kb / 10P
   Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters
Rev 1; 2/03
logo
Murata Manufacturing Co...
RUW15 MURATA1-RUW15_V01 Datasheet
573Kb / 13P
   Isolated Ultra-Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
   Isolated 3W Wide Input DC/DC Converters
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
   Isolated 3W Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
RUW15 MURATA-RUW15 Datasheet
238Kb / 5P
   Isolated Ultra-Wide Input DC/DC Converters
KDC_NTF MURATA-KDC_NTF Datasheet
204Kb / 8P
   Isolated 1W Wide Input DC/DC Converters
logo
C&D Technologies
NGA CANDD-NGA Datasheet
101Kb / 3P
   Non-Isolated Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
NDC_NGA MURATA-NDC_NGA_5 Datasheet
185Kb / 5P
   Non-Isolated Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP2Y TOPPOWER-TP2Y Datasheet
638Kb / 4P
   3W 1KVDC Isolated Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
LSM16A-W3 MURATA-LSM16A-W3 Datasheet
350Kb / 12P
   Non-Isolated, Wide Input SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com