Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5891EGK Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5891EGK
Description  16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5891EGK Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5891EGK Datasheet HTML 1Page - Maxim Integrated Products MAX5891EGK Datasheet HTML 2Page - Maxim Integrated Products MAX5891EGK Datasheet HTML 3Page - Maxim Integrated Products MAX5891EGK Datasheet HTML 4Page - Maxim Integrated Products MAX5891EGK Datasheet HTML 5Page - Maxim Integrated Products MAX5891EGK Datasheet HTML 6Page - Maxim Integrated Products MAX5891EGK Datasheet HTML 7Page - Maxim Integrated Products MAX5891EGK Datasheet HTML 8Page - Maxim Integrated Products MAX5891EGK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX5891 advanced 16-bit, 600Msps, digital-to-
analog converter (DAC) meets the demanding perfor-
mance requirements of signal synthesis applications
found in wireless base stations and other communica-
tions applications. Operating from +3.3V and +1.8V
supplies, the MAX5891 DAC supports update rates of
600Msps using high-speed LVDS inputs while consum-
ing only 298mW of power and offers exceptional
dynamic performance such as 80dBc spurious-free
dynamic range (SFDR) at fOUT = 30MHz.
The MAX5891 utilizes a current-steering architecture that
supports a 2mA to 20mA full-scale output current range,
and produces -2dBm to -22dBm full-scale output signal
levels with a double-terminated 50
Ω load. The MAX5891
features an integrated +1.2V bandgap reference and
control amplifier to ensure high-accuracy and low-noise
performance. A separate reference input (REFIO) allows
for the use of an external reference source for optimum
flexibility and improved gain accuracy.
The MAX5891 digital inputs accept LVDS voltage lev-
els, and the flexible clock input can be driven differen-
tially or single-ended, AC- or DC-coupled. The
MAX5891 is available in a 68-pin QFN package with an
exposed paddle (EP) and is specified for the extended
(-40°C to +85°C) temperature range.
Refer to the MAX5890* and MAX5889* data sheets for
pin-compatible 14-bit and 12-bit versions of the
MAX5891.
Applications
Base Stations: Single/Multicarrier UMTS,
CDMA, GSM
Communications: Fixed Broadband Wireless
Access, Point-to-Point Microwave
Direct Digital Synthesis (DDS)
Cable Modem Termination Systems (CMTS)
Automated Test Equipment (ATE)
Instrumentation
Features
♦ 600Msps Output Update Rate
♦ Low Noise Spectral Density: -163dBFS/Hz at
fOUT = 36MHz
♦ Excellent SFDR and IMD Performance
SFDR = 80dBc at fOUT = 30MHz (to Nyquist)
SFDR = 69dBc at fOUT = 130MHz (to Nyquist)
IMD = -94dBc at fOUT = 30MHz
IMD = -77dBc at fOUT = 130MHz
♦ ACLR = 73dB at fOUT = 122.88MHz
♦ 2mA to 20mA Full-Scale Output Current
♦ LVDS-Compatible Digital Inputs
♦ On-Chip +1.2V Bandgap Reference
♦ Low 298mW Power Dissipation at 600Msps
♦ Compact (10mm x 10mm) QFN-EP Package
♦ Evaluation Kit Available (MAX5891EVKIT)
16-Bit, 600Msps, High-Dynamic-Performance
DAC with LVDS Inputs
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3542; Rev 0; 2/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
PKG
CODE
MAX5891EGK
-40
°C to +85°C 68 QFN-EP**
G6800-4
MAX5891
+1.2V
REFERENCE
REFIO
DACREF
FSADJ
CLK
INTERFACE
600MHz
16-BIT DAC
LATCH
LVDS
RECEIVER
D0–D15
LVDS DATA
INPUTS
POWER
DOWN
PD
CLKP
CLKN
OUTP
OUTN
Functional Diagram
PART
RESOLUTION
(BITS)
UPDATE RATE
(Msps)
LOGIC INPUT
MAX5889*
12
600
LVDS
MAX5890*
14
600
LVDS
MAX5891
16
600
LVDS
Selector Guide
*Future product—contact factory for availability.
**EP = Exposed paddle.
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX5891EGK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5891EVKIT MAXIM-MAX5891EVKIT Datasheet
274Kb / 14P
   MAX5889/MAX5890/MAX5891 Evaluation Kits
Rev 2; 7/07
More results

Similar Description - MAX5891EGK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5878 MAXIM-MAX5878 Datasheet
511Kb / 18P
   16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
Rev 0; 2/05
MAX5888 MAXIM-MAX5888 Datasheet
746Kb / 18P
   3.3V, 16-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2726; Rev 3; 12/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
MAX5887 MAXIM-MAX5887 Datasheet
982Kb / 18P
   3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2777; Rev 1; 10/03
MAX5885 MAXIM-MAX5885 Datasheet
862Kb / 10P
   3.3V, 16-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2786; Rev 1; 12/03
MAX5884 MAXIM-MAX5884 Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5883 MAXIM-MAX5883 Datasheet
634Kb / 16P
   3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2824; Rev 1; 12/03
MAX5195 MAXIM-MAX5195 Datasheet
595Kb / 17P
   14-Bit, 260Msps High-Dynamic Performance DAC
Rev 0; 7/02
MAX5898 MAXIM-MAX5898 Datasheet
399Kb / 32P
   16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
Rev 1; 7/07
logo
NXP Semiconductors
TDA1541A PHILIPS-TDA1541A Datasheet
138Kb / 12P
   Stereo high performance 16-bit DAC
February 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com