Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5V9352PRI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT5V9352PRI
Description  3.3V/2.5V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V9352PRI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT5V9352PRI Datasheet HTML 1Page - Integrated Device Technology IDT5V9352PRI Datasheet HTML 2Page - Integrated Device Technology IDT5V9352PRI Datasheet HTML 3Page - Integrated Device Technology IDT5V9352PRI Datasheet HTML 4Page - Integrated Device Technology IDT5V9352PRI Datasheet HTML 5Page - Integrated Device Technology IDT5V9352PRI Datasheet HTML 6Page - Integrated Device Technology IDT5V9352PRI Datasheet HTML 7Page - Integrated Device Technology IDT5V9352PRI Datasheet HTML 8Page - Integrated Device Technology IDT5V9352PRI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
INDUSTRIALTEMPERATURERANGE
IDT5V9352
3.3V/2.5V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
Symbol
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
tR,tF
OutputRise/FallTime
0.55V to 2.4V
0.1
1
ns
All Outputs, any frequency
200
tSK(O)
OutputtoOutputSkew
withinQAoutputbank
200
ps
withinQBoutputbank
100
within QCoutputbank
100
fVCO
PLL VCO Lock Range(2)
200
400
MHz
÷2output
100
200
÷4output
50
100
fMAX
MaximumOutputFrequency
÷6output
33.3
66.6
MHz
÷8output
25
50
÷12output
16.67
33.3
tPW
Output Duty Cycle
47
50
53
%
tPD
REFCLK to FBIN Delay
fREF < 40MHz
-200
+150
ps
PLLLocked
fREF > 40MHz, PLL locked
-50
+150
tPLZ
OutputDisableTime
8ns
tPHZ
MR/OE (LOW-HIGH) to any Q
tPZL
OutputEnableTime
10
ns
tPZH
MR/OE (HIGH-LOW) to any Q
Outputfrequenciesmixed
400
tJ
Cycle-to-Cycle Jitter
Outputs in any
÷4 and ÷6 combination
250
ps
Alloutputssamefrequency
100
Outputfrequenciesmixed
200
tJ(PER)
PeriodJitter
Outputs in any
÷4 and ÷6 combination
150
ps
Alloutputssamefrequency
75
÷4 feedback divider RMS (1σ)15
tJ(
φ)
I/O Phase Jitter
÷6 feedback divider RMS (1σ)20
ps
÷8 feedback divider RMS (1σ)
18-20
÷12 feedback divider RMS (1σ)25
÷4feedback
3 - 10
BW
PLLClosedLoopBandwidth
÷6feedback
1.5 - 6
MHz
÷8feedback
1 - 3.5
÷12feedback
0.5 - 2
tLOCK
Maximum PLL Lock Time
10
ms
AC ELECTRICAL CHARACTERISTICS(1)
TA = –40°C to +85°C, VCC = 3.3V ± 5%
NOTES:
1. AC characteristics apply for parallel output termination of 50
Ω to VTT.
2. The input frequency on CCLK must match the VCO frequency range divided by the feedback divide ratio FB: freq. = fvco
÷÷÷÷÷ FB.


Similar Part No. - IDT5V9352PRI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
   LOW VOLTAGE PLL CLOCK DRIVER
IDT5V9351PR IDT-IDT5V9351PR Datasheet
85Kb / 10P
   LOW VOLTAGE PLL CLOCK DRIVER
IDT5V9351PRI IDT-IDT5V9351PRI Datasheet
85Kb / 10P
   LOW VOLTAGE PLL CLOCK DRIVER
More results

Similar Description - IDT5V9352PRI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V2528 IDT-IDT5V2528 Datasheet
61Kb / 7P
   2.5V / 3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
logo
Renesas Technology Corp
CSP2510C RENESAS-CSP2510C Datasheet
262Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
NOVEMBER 2008
logo
Integrated Device Techn...
CSP2510D IDT-CSP2510D Datasheet
72Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDTCSP2510D IDT-IDTCSP2510D Datasheet
65Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
logo
Renesas Technology Corp
CSP2510D RENESAS-CSP2510D Datasheet
251Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
OCTOBER 2001
logo
Integrated Device Techn...
IDTCSP2510C IDT-IDTCSP2510C Datasheet
63Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT2309 IDT-IDT2309_12 Datasheet
125Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER Phase-Lock Loop Clock Distribution
logo
Integrated Circuit Syst...
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
logo
Renesas Technology Corp
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
   DDR Phase Lock Loop Zero Delay Clock Buffer
2019
logo
Integrated Circuit Syst...
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com