Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M464S1724DTS-C7C Datasheet(PDF) 5 Page - Samsung semiconductor

Part # M464S1724DTS-C7C
Description  16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M464S1724DTS-C7C Datasheet(HTML) 5 Page - Samsung semiconductor

  M464S1724DTS-C7C Datasheet HTML 1Page - Samsung semiconductor M464S1724DTS-C7C Datasheet HTML 2Page - Samsung semiconductor M464S1724DTS-C7C Datasheet HTML 3Page - Samsung semiconductor M464S1724DTS-C7C Datasheet HTML 4Page - Samsung semiconductor M464S1724DTS-C7C Datasheet HTML 5Page - Samsung semiconductor M464S1724DTS-C7C Datasheet HTML 6Page - Samsung semiconductor M464S1724DTS-C7C Datasheet HTML 7Page - Samsung semiconductor M464S1724DTS-C7C Datasheet HTML 8Page - Samsung semiconductor M464S1724DTS-C7C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
M464S1724DTS
Rev. 0.1 Sept. 2001
PC133/PC100 SODIMM
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, T A = 0 to 70
°C)
Parameter
Sym-
bol
Test Condition
Version
Unit
Note
-7C
-7A
-1H
-1L
Operating current
(One bank active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IO = 0 mA
560
520
520
520
mA
1
Precharge standby current
in power-down mode
ICC2P
CKE
≤ V IL(max), tCC = 10ns
16
mA
ICC2PS
CKE & CLK
≤ V IL(max), tCC =∞
16
Precharge standby current
in non power-down mode
ICC2N
CKE
≥ V IH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
160
mA
ICC2NS
CKE
≥ V IH(min), CLK ≤ VIL(max), tCC =∞
Input signals are stable
80
Active standby current in
power-down mode
ICC3P
CKE
≤ V IL(max), tCC = 10ns
40
mA
ICC3PS
CKE & CLK
≤ V IL(max), tCC =∞
40
Active standby current in
non power-down mode
(One bank active)
ICC3N
CKE
≥ V IH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
240
mA
ICC3NS
CKE
≥ V IH(min), CLK ≤ VIL(max), tCC =∞
Input signals are stable
200
mA
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
4Banks activated
tCCD = 2CLKs
680
680
640
640
mA
1
Refresh current
ICC5
tRC
≥ tRC(min)
1000
920
880
880
mA
2
Self refresh current
ICC6
CKE
≤ 0.2V
C
16
mA
L
6.4
mA
1. Measured with outputs open.
2. Refresh period is 64ms.
3. Unless otherwise noted, input swing level is CMOS(VIH/VIL=VDDQ/VSSQ)
Notes :


Similar Part No. - M464S1724DTS-C7C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M464S1724CT1 SAMSUNG-M464S1724CT1 Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1-C1H SAMSUNG-M464S1724CT1-C1H Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1-C1L SAMSUNG-M464S1724CT1-C1L Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1-L1H SAMSUNG-M464S1724CT1-L1H Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1-L1H/C1H SAMSUNG-M464S1724CT1-L1H/C1H Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
More results

Similar Description - M464S1724DTS-C7C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M464S1724CT1 SAMSUNG-M464S1724CT1 Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
KMM366S1623AT SAMSUNG-KMM366S1623AT Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S1623ET0 SAMSUNG-M366S1623ET0 Datasheet
176Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0924CT1 SAMSUNG-M464S0924CT1 Datasheet
102Kb / 9P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0824DT1 SAMSUNG-M464S0824DT1 Datasheet
154Kb / 9P
   8Mx64 SDRAM SODIMM based on 4Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0924DTS SAMSUNG-M464S0924DTS Datasheet
85Kb / 11P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S1654CTS SAMSUNG-M366S1654CTS Datasheet
173Kb / 11P
   16Mx64 SDRAM DIMM based on 16Mx16, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
PC133 SAMSUNG-PC133 Datasheet
166Kb / 11P
   32Mx64 SDRAM SODIMM based on 16Mx16, 4Banks, 8K Refresh,3.3V Synchronous DRAMs with SPD
M366S3323DTS SAMSUNG-M366S3323DTS Datasheet
175Kb / 11P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3323CT0-C75 SAMSUNG-M366S3323CT0-C75 Datasheet
201Kb / 9P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com