Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3428 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3428
Description  4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3428 Datasheet(HTML) 1 Page - Linear Technology

  LTC3428 Datasheet HTML 1Page - Linear Technology LTC3428 Datasheet HTML 2Page - Linear Technology LTC3428 Datasheet HTML 3Page - Linear Technology LTC3428 Datasheet HTML 4Page - Linear Technology LTC3428 Datasheet HTML 5Page - Linear Technology LTC3428 Datasheet HTML 6Page - Linear Technology LTC3428 Datasheet HTML 7Page - Linear Technology LTC3428 Datasheet HTML 8Page - Linear Technology LTC3428 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3428
1
3428f
The LTC
®3428 is a 2-phase, current mode boost con-
verter, capable of supplying 2A at 5V from a 3.3V input.
Two 93mΩ, 2A N-channel MOSFET switches allow the
LTC3428 to deliver high efficiency from input voltages as
low as 1.6V.
External parts count and size are minimized by a 1MHz
switching frequency and a 2-phase design. Two phase
operation significantly reduces peak inductor currents
and capacitor ripple current, doubling the effective switch-
ing frequency and minimizing inductor and capacitor size.
External compensation allows the feedback loop response
to be optimized for a particular application.
Other features include: an active low shutdown pin re-
duces supply current to below 1µA, internal soft-start,
antiringing control and thermal shutdown. The LTC3428
is available in a low profile (0.75mm) 10-lead (3mm ×
3mm) DFN package.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Networking Equipment
Handheld Instruments
Digital Cameras
Distributed Power
Local 3.3V to 5V Conversion
, LTC and LT are registered trademarks of Linear Technology Corporation.
VOUT
SWA
SWB
FB
PGNDB
VIN
SHDN
VC
AGND
PGNDA
LTC3428
383k
121k
22µF****
22pF
10k
1000pF
4.7µF***
VIN
3.3V
VOUT
5V/2A
3428 TA01
2.2µH*
2.2µH*
OFF ON
TOKO FDV06302R2
PHILIPS PMEG1020
TAIYO YUDEN X5R JMK212BJ475MD
TAIYO YUDEN X5R JMK316BJ226ML
*
**
***
****
**
**
Efficiency vs Load Current
3.3V to 5V at 2A Converter
High Efficiency: Up to 92%
2-Phase Control Reduces Output Voltage Ripple
5V at 2A from 3.3V Input
3.3V at 1.5A from 1.8V Input
1.6V to 5.25V Adjustable Output Voltage
1.6V to 4.5V Input Range
Internal Soft-Start Operation
Low Shutdown Current: <1µA
Uses Small Surface Mount Components
10-Pin 3mm × 3mm DFN Package
4A, 2MHz Dual Phase
Step-Up DC/DC Converter
in 3mm × 3mm DFN
LOAD CURRENT (A)
0.1
95
90
85
80
75
70
65
60
55
50
45
12
3428 TA02
VIN = 3.3V
VOUT = 5V
L = 2.2µH


Similar Part No. - LTC3428

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3428 LINER-LTC3428 Datasheet
225Kb / 12P
   4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
LTC3428 LINER-LTC3428_15 Datasheet
225Kb / 12P
   4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
More results

Similar Description - LTC3428

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3428 LINER-LTC3428_15 Datasheet
225Kb / 12P
   4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3529 LINER-LTC3529_15 Datasheet
216Kb / 12P
   1.5A, 1.5MHz Step-Up DC/DC Converter in 2mm 3mm DFN
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
   1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
   Low Voltage 2MHz Step-Up DC/DC Converter
logo
Linear Technology
LTC3528-2 LINER-LTC3528-2_15 Datasheet
401Kb / 18P
   1A, 2MHz Synchronous Step-Up DC/DC Converter
LTC3528B-2 LINER-LTC3528B-2_15 Datasheet
317Kb / 18P
   1A, 2MHz Synchronous Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com