Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62SF16201ALLF-I Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HY62SF16201ALLF-I
Description  128Kx16bit full CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62SF16201ALLF-I Datasheet(HTML) 5 Page - Hynix Semiconductor

  HY62SF16201ALLF-I Datasheet HTML 1Page - Hynix Semiconductor HY62SF16201ALLF-I Datasheet HTML 2Page - Hynix Semiconductor HY62SF16201ALLF-I Datasheet HTML 3Page - Hynix Semiconductor HY62SF16201ALLF-I Datasheet HTML 4Page - Hynix Semiconductor HY62SF16201ALLF-I Datasheet HTML 5Page - Hynix Semiconductor HY62SF16201ALLF-I Datasheet HTML 6Page - Hynix Semiconductor HY62SF16201ALLF-I Datasheet HTML 7Page - Hynix Semiconductor HY62SF16201ALLF-I Datasheet HTML 8Page - Hynix Semiconductor HY62SF16201ALLF-I Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HY62SF16201A
Rev.06 /Mar. 2002
4
AC CHARACTERISTICS
Vcc = 1.7V~2.3V, TA = 0
°C to 70°C/ -40°C to 85°C(I), unless otherwise specified
-85
-10
-12
#
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE
1
tRC
Read Cycle Time
85
-
100
-
120
-
ns
2
tAA
Address Access Time
-
85
-
100
-
120
ns
3
tACS
Chip Select Access Time
-
85
-
100
-
120
ns
4
tOE
Output Enable to Output Valid
-
40
-
50
-
60
ns
5
tBA
/LB, /UB Access Time
-
85
-
100
-
120
ns
6
tCLZ
Chip Select to Output in Low Z
10
-
20
-
20
-
ns
7
tOLZ
Output Enable to Output in Low Z
5
-
5
-
10
-
ns
8
tBLZ
/LB, /UB Enable to Output in Low Z
10
-
20
-
20
-
ns
9
tCHZ
Chip Deselection to Output in High Z
0
30
0
30
0
40
ns
10
tOHZ
Out Disable to Output in High Z
0
30
0
30
0
40
ns
11
tBHZ
/LB, /UB Disable to Output in High Z
0
30
0
30
0
40
ns
12
tOH
Output Hold from Address Change
10
-
15
-
15
-
ns
WRITE CYCLE
13
tWC
Write Cycle Time
85
-
100
-
120
-
ns
14
tCW
Chip Selection to End of Write
70
-
80
-
100
-
ns
15
tAW
Address Valid to End of Write
70
-
80
-
100
-
ns
16
tBW
/LB, /UB Valid to End of Write
70
-
80
-
100
-
ns
17
tAS
Address Set-up Time
0
-
0
-
0
-
ns
18
tWP
Write Pulse Width
55
-
75
-
85
-
ns
19
tWR
Write Recovery Time
0
-
0
-
0
-
ns
20
tWHZ
Write to Output in High Z
0
30
0
35
0
40
ns
21
tDW
Data to Write Time Overlap
35
-
45
-
50
-
ns
22
tDH
Data Hold from Write Time
0
-
0
-
0
-
ns
23
tOW
Output Active from End of Write
5
-
10
-
10
-
ns
AC TEST CONDITIONS
TA = 0
°C to 70°C (Normal) /-40°C to 85°C (I), unless otherwise specified
Parameter
Value
Input Pulse Level
0.4V to 1.6V
Input Rise and Fall Time
5ns
Input and Output Timing Reference Level
0.9V
tCLZ,tOLZ,tBLZ,tCHZ,tOHZ,tBHZ,tWHZ,tOW
CL = 5pF + 1TTL Load
Output Load
Others
CL = 30pF + 1TTL Load
AC TEST LOADS
D
OUT
3273 Ohm
CL(1)
4091 Ohm
V
TM
= 1.7V
Note :
1. Including jig and scope capacitance
Unit


Similar Part No. - HY62SF16201ALLF-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16101C HYNIX-HY62SF16101C Datasheet
167Kb / 10P
   HY62SF16101C Series 64Kx16bit full CMOS SRAM
HY62SF16101CLLF HYNIX-HY62SF16101CLLF Datasheet
167Kb / 10P
   HY62SF16101C Series 64Kx16bit full CMOS SRAM
HY62SF16101CLLF-I HYNIX-HY62SF16101CLLF-I Datasheet
167Kb / 10P
   HY62SF16101C Series 64Kx16bit full CMOS SRAM
HY62SF16101CSLF HYNIX-HY62SF16101CSLF Datasheet
167Kb / 10P
   HY62SF16101C Series 64Kx16bit full CMOS SRAM
HY62SF16101CSLF-I HYNIX-HY62SF16101CSLF-I Datasheet
167Kb / 10P
   HY62SF16101C Series 64Kx16bit full CMOS SRAM
More results

Similar Description - HY62SF16201ALLF-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62LF16206B-DT12C HYNIX-HY62LF16206B-DT12C Datasheet
278Kb / 11P
   128Kx16bit full CMOS SRAM
HY62LF16206A HYNIX-HY62LF16206A Datasheet
283Kb / 11P
   128Kx16bit full CMOS SRAM
HY62UF16201A HYNIX-HY62UF16201A Datasheet
254Kb / 11P
   128Kx16bit full CMOS SRAM
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62UF16806A HYNIX-HY62UF16806A Datasheet
218Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16404C HYNIX-HY62LF16404C Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
HY62UF16800B HYNIX-HY62UF16800B Datasheet
340Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16804A HYNIX-HY62UF16804A Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
HY62LF16406C HYNIX-HY62LF16406C Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16404C HYNIX-HY62SF16404C Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com