Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1502AS-15AC44 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATF1502AS-15AC44
Description  High-performance EEPROM CPLD
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502AS-15AC44 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATF1502AS-15AC44 Datasheet HTML 1Page - ATMEL Corporation ATF1502AS-15AC44 Datasheet HTML 2Page - ATMEL Corporation ATF1502AS-15AC44 Datasheet HTML 3Page - ATMEL Corporation ATF1502AS-15AC44 Datasheet HTML 4Page - ATMEL Corporation ATF1502AS-15AC44 Datasheet HTML 5Page - ATMEL Corporation ATF1502AS-15AC44 Datasheet HTML 6Page - ATMEL Corporation ATF1502AS-15AC44 Datasheet HTML 7Page - ATMEL Corporation ATF1502AS-15AC44 Datasheet HTML 8Page - ATMEL Corporation ATF1502AS-15AC44 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
ATF1502AS(L)
0995J–PLD–09/02
Block Diagram
Each of the 32 macrocells generates a buried feedback that goes to the global bus. Each input
and I/O pin also feeds into the global bus. The switch matrix in each logic block then selects 40
individual signals from the global bus. Each macrocell also generates a foldback logic term
that goes to a regional bus. Cascade logic between macrocells in the ATF1502AS allows fast,
efficient generation of complex logic functions. The ATF1502AS contains four such logic
chains, each capable of creating sum term logic with a fan-in of up to 40 product terms.
The ATF1502AS macrocell, shown in Figure 1, is flexible enough to support highly complex
logic functions operating at high speed. The macrocell consists of five sections: product terms
and product term select multiplexer, OR/XOR/CASCADE logic, a flip-flop, output select and
enable, and logic array inputs.
Unused product terms are automatically disabled by the compiler to decrease power con-
sumption. A security fuse, when programmed, protects the contents of the ATF1502AS. Two
bytes (16 bits) of User Signature are accessible to the user for purposes such as storing
project name, part number, revision or date. The User Signature is accessible regardless of
the state of the security fuse.
The ATF1502AS device is an in-system programmable (ISP) device. It uses the industry stan-
dard 4-pin JTAG interface (IEEE Std. 1149.1), and is fully compliant with JTAG’s Boundary-
scan Description Language (BSDL). ISP allows the device to be programmed without remov-
ing it from the printed circuit board. In addition to simplifying the manufacturing flow, ISP also
allows design modifications to be made in the field via software.
B
32


Similar Part No. - ATF1502AS-15AC44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502AS-15AC44 ATMEL-ATF1502AS-15AC44 Datasheet
344Kb / 18P
   High Performance E2PROM CPLD
ATF1502AS-15AC44 ATMEL-ATF1502AS-15AC44 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
More results

Similar Description - ATF1502AS-15AC44

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XC9572XL-7VQ64I XILINX-XC9572XL-7VQ64I Datasheet
86Kb / 8P
   High Performance CPLD
XC9500XV XILINX-XC9500XV Datasheet
212Kb / 19P
   High-Performance CPLD
logo
ATMEL Corporation
ATF1504AS ATMEL-ATF1504AS Datasheet
462Kb / 21P
   High- Performance EE CPLD
ATF1502AS ATMEL-ATF1502AS Datasheet
344Kb / 18P
   High Performance E2PROM CPLD
ATF1502ASV ATMEL-ATF1502ASV_06 Datasheet
377Kb / 25P
   Highperformance EEPROM CPLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF1516AS ATMEL-ATF1516AS Datasheet
266Kb / 11P
   High Performance EE-Based CPLD
logo
Xilinx, Inc
XC9500XL XILINX-XC9500XL Datasheet
293Kb / 18P
   XC9500XL High-Performance CPLD Family Data Sheet
logo
Cypress Semiconductor
CY3LV512 CYPRESS-CY3LV512 Datasheet
182Kb / 9P
   512K / 1 Mbit CPLD Boot EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com