Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT48RA0-2 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT48RA0-2
Description  Remote Type 8-Bit MCU
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA0-2 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT48RA0-2 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48RA0-2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48RA0-2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48RA0-2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48RA0-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48RA0-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48RA0-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48RA0-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48RA0-2 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
HT48RA0-2/HT48CA0-2
Rev. 1.50
5
July 23, 2004
higher-order byte to TBLH (08H). Only the destination
of the lower-order byte in the table is well-defined, the
other bits of the table word are transferred to the lower
portion of TBLH, the remaining 2 bits are read as
²0².
The Table Higher-order byte register (TBLH) is read
only. The table pointer (TBLP) is a read/write register
(07H), where P indicates the table location. Before ac-
cessing the table, the location must be placed in
TBLP. The TBLH is read only and cannot be restored.
All table related instructions need 2 cycles to complete
the operation. These areas may function as normal
program memory depending upon the requirements.
Stack Register
- STACK
This is a special part of the memory used to save the
contents of the program counter (PC) only. The stack is
organized into one level and is neither part of the data
nor part of the program space, and is neither readable
nor writeable. The activated level is indexed by the stack
pointer (SP) and is neither readable nor writeable. At a
subroutine call the contents of the program counter are
pushed onto the stack. At the end of a subroutine sig-
naled by a return instruction (RET), the program counter
is restored to its previous value from the stack. After a
chip reset, the SP will point to the top of the stack.
If the stack is full and a
²CALL² is subsequently exe-
cuted, stack overflow occurs and the first entry will be
lost (only the most recent return address is stored).
Data Memory
- RAM
The data memory is designed with 42
´8 bits. The data
memory is divided into two functional groups: special
function registers and general purpose data memory
(32
´8). Most of them are read/write, but some are read
only.
The special function registers include the indirect ad-
dressing register (00H), the memory pointer register
(MP;01H), the accumulator (ACC;05H) the program
counter lower-order byte register (PCL;06H), the table
pointer (TBLP;07H), the table higher-order byte register
(TBLH;08H), the status register (STATUS;0AH) and the
I/O registers (PA;12H, PB;14H, PC;16H). The remaining
space before the 20H is reserved for future expanded
usage and reading these locations will return the result
00H. The general purpose data memory, addressed
from 20H to 3FH, is used for data and control informa-
tion under instruction command.
All data memory areas can handle arithmetic, logic, in-
crement, decrement and rotate operations directly. Ex-
cept for some dedicated bits, each bit in the data
memory can be set and reset by the SET [m].i and CLR
[m].i instructions, respectively. They are also indirectly
accessible through memory pointer register (MP;01H).
Indirect Addressing Register
Location 00H is an indirect addressing register that is
not physically implemented. Any read/write operation of
[00H] accesses data memory pointed to by MP (01H).
Reading location 00H itself indirectly will return the re-
sult 00H. Writing indirectly results in no operation.
The memory pointer register MP (01H) is a 6-bit register.
The bit 7~6 of MP is undefined and reading will return
the result
²1². Any writing operation to MP will only trans-
fer the lower 6-bit data to MP.
Accumulator
The accumulator closely relates to ALU operations. It is
also mapped to location 05H of the data memory and is
capable of carrying out immediate data operations. Data
movement between two data memory locations has to
pass through the accumulator.
G e n e r a l P u r p o s e
D A T A M E M O R Y
( 3 2 B y t e s )
S p e c i a l P u r p o s e
D A T A M E M O R Y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
3 F H
I n d i r e c t A d d r e s s i n g R e g i s t e r
M P
A C C
P C L
T B L P
T B L H
S T A T U S
P A
P B
P C
: U n u s e d
R e a d a s " 0 0 "
2 0 H
RAM Mapping


Similar Part No. - HT48RA0-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA0-2 HOLTEK-HT48RA0-2_08 Datasheet
229Kb / 30P
   Remote Type 8-Bit MCU
More results

Similar Description - HT48RA0-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
   8-Bit Remote Type MCU
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
   Remote Type 8-Bit MCU
HT48RA0A HOLTEK-HT48RA0A Datasheet
238Kb / 31P
   8-Bit Remote Type MCU
HT48RA5 HOLTEK-HT48RA5_07 Datasheet
281Kb / 38P
   Remote Type 8-Bit MCU
HT48RA3 HOLTEK-HT48RA3_07 Datasheet
274Kb / 38P
   Remote Type 8-Bit MCU
HT48RA5 HOLTEK-HT48RA5 Datasheet
296Kb / 39P
   Remote Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com