Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LX1G08CTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LX1G08CTR
Description  LOW VOLTAGE CMOS SINGLE 2-INPUT AND GATE WITH 5V TOLERANT INPUT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G08CTR Datasheet(HTML) 5 Page - STMicroelectronics

  74LX1G08CTR Datasheet HTML 1Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 2Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 3Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 4Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 5Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 6Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 7Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 8Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74LX1G08
5/10
TEST CIRCUIT
RT =ZOUT of pulse generator (typically 50Ω)
TEST CIRCUIT AND WAVEFORM SYMBOL VALUE
WAVEFORM: PROPAGATION DELAY (f=1MHz; 50% duty cycle)
Symbol
VCC
1.65 to 1.95V
2.3 to 2.7V
2.7 to 5.5V
CL
15pF/30pF
15pF/30pF
15pF/50pF
RL
1M
Ω/1000Ω
1M
Ω/500Ω
1M
Ω/500Ω
VIH
VCC
VCC
VCC
VM
VCC/2
VCC/2
VCC/2
tr =tr
<2.0ns
<2.0ns
<2.5ns


Similar Part No. - 74LX1G08CTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LX1G00 STMICROELECTRONICS-74LX1G00 Datasheet
200Kb / 10P
   SINGLE 2-INPUT NAND GATE
October 2002
74LX1G00CTR STMICROELECTRONICS-74LX1G00CTR Datasheet
200Kb / 10P
   SINGLE 2-INPUT NAND GATE
October 2002
74LX1G00STR STMICROELECTRONICS-74LX1G00STR Datasheet
200Kb / 10P
   SINGLE 2-INPUT NAND GATE
October 2002
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
   SINGLE 2-INPUT NOR GATE
74LX1G02CTR STMICROELECTRONICS-74LX1G02CTR Datasheet
200Kb / 10P
   SINGLE 2-INPUT NOR GATE
More results

Similar Description - 74LX1G08CTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LX1G32 STMICROELECTRONICS-74LX1G32 Datasheet
114Kb / 10P
   LOW VOLTAGE CMOS SINGLE 2-INPUT OR GATE WITH 5V TOLERANT INPUT
April 2004
74LVX08 STMICROELECTRONICS-74LVX08_04 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
74LCX08 STMICROELECTRONICS-74LCX08 Datasheet
245Kb / 15P
   Low voltage CMOS QUAD 2-input AND gate with 5V tolerant inputs
74LVX08 STMICROELECTRONICS-74LVX08 Datasheet
163Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
74LCX32 STMICROELECTRONICS-74LCX32_06 Datasheet
241Kb / 15P
   Low voltage CMOS 2-input OR gate with 5V tolerant inputs
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08_08 Datasheet
764Kb / 13P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX08 ONSEMI-74LCX08 Datasheet
745Kb / 9P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
August-2017, Rev. 2
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08 Datasheet
611Kb / 11P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
74LCX08 FAIRCHILD-74LCX08 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LX1GU04 STMICROELECTRONICS-74LX1GU04 Datasheet
115Kb / 10P
   LOW VOLTAGE CMOS SINGLE INVERTER WITH 5V TOLERANT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com